Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW20719 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW20719
Description  Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20719 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW20719 Datasheet HTML 1Page - Cypress Semiconductor CYW20719 Datasheet HTML 2Page - Cypress Semiconductor CYW20719 Datasheet HTML 3Page - Cypress Semiconductor CYW20719 Datasheet HTML 4Page - Cypress Semiconductor CYW20719 Datasheet HTML 5Page - Cypress Semiconductor CYW20719 Datasheet HTML 6Page - Cypress Semiconductor CYW20719 Datasheet HTML 7Page - Cypress Semiconductor CYW20719 Datasheet HTML 8Page - Cypress Semiconductor CYW20719 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Document Number: 002-14815 Rev. *D
Page 2 of 49
PRELIMINARY
CYW20719
Features
Bluetooth Subsystem
■ Complies with Bluetooth Core Specification v5.0 with LE 2
Mbps
■ Supports Basic Rate (BR), Enhanced Data Rate (EDR) 2&3
Mbps, Bluetooth Low Energy (BLE)
■ Supports Adaptive Frequency Hopping (AFH)
■ TX power 4 dBm
■ RX sensitivity -95.5 dBm (BLE)
■ Ultra-low-power radio
❐ RX current 5.9 mA (BLE)
❐ TX current 5.6 mA @ 0 dBm (BLE)
Coexistence Support
■ Support for Global Coexistence Interface for easy coexis-
tence implementation with select Cypress Wi-Fi devices
MCU Subsystem
■ 96-MHz Arm Cortex-M4 microcontroller unit (MCU) with float-
ing point unit (FPU)
■ Supports serial wire debug (SWD)
■ Runs Bluetooth stack and application
■ Option to execute from on-chip flash or RAM
Memory Subsystem
■ 1 MB flash
■ 512 KB RAM
■ 2 MB ROM that stores Bluetooth stack and driver and off-
loads flash for user applications
Audio features and interfaces
■ 1x I2S with master and slave modes
■ 1x PCM
■ PDM2
■ Analog front end for analog microphone1
Clocks
■ On-chip 32 kHz oscillator (LP-LPO)
■ On-chip 128 kHz oscillator (HP-LPO)
■ 32 kHz crystal oscillator (Optional if low power modes not
required)
■ 24 MHz crystal oscillator
■ 48-bit real time clock (RTC)
Peripherals and communication
■ 6x 16-bit PWMs
■ Programmable key-scan matrix interface, up to 8x20 key-
scanning matrix 1,2
■ Quadrature decoder2
■ Watchdog timer (WDT)
■ 1x peripheral UART, 1x UART for programming and HCI
■ 2x SPI (master/slave mode) Blocks (SPI, Quad SPI, and
MIPI DBI-C)
■ 1x I2C master/slave and 1x I2C master
■ 1x 28-channel ADC (10-ENOB for DC measurement and 12-
ENOB for Audio measurement)
■ Hardware security engine2
General Purpose Input Output (GPIO)
■ 16 GPIOs on QFN package
■ 40 GPIOs on WLCSP package
■ Support up to 3.63 V operation
■ Four GPIOs support 16 mA and 8 mA sink at 3.3 V and 1.8 V
respectively
Operating voltage and low-power support
■ Wide operating voltage range: 1.90 V to 3.63 V
■ 5 power modes to implement ultra-low power application –
managed by real time operating system
■ 0.4 uA current in HID-OFF mode (wake from GPIO).
Packages
■ 5 mm x 5 mm 40-pin quad flat no-lead (QFN)
■ 3.2 mm x 3.1 mm 134-ball Wafer Level Chip Scale Package
(WLCSP)
Software Support
■ WICED Studio
Applications
■ Wearables and Fitness bands
■ Headsets, earbuds, and other audio solutions
■ Home automation
■ Blood pressure monitors and other medical applications
■ Proximity sensors
■ Key Fobs
■ Thermostats and thermometers
■ Toys
1. Available only in WLCSP Package
2. Subjected to driver support in WICED® Studio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com