Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9004CCKB Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9004CCKB
Description  Serial Digital Cable Equalizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004CCKB Datasheet(HTML) 5 Page - Gennum Corporation

  GS9004CCKB Datasheet HTML 1Page - Gennum Corporation GS9004CCKB Datasheet HTML 2Page - Gennum Corporation GS9004CCKB Datasheet HTML 3Page - Gennum Corporation GS9004CCKB Datasheet HTML 4Page - Gennum Corporation GS9004CCKB Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
521 - 72 - 00
All resistors in ohms, all capacitors
in microfarads unless otherwise stated.
Fig. 8 Typical Application Circuit
L1
18n
R9
75
4
3
2
1
5
6
7
8
R13
150
C13
1.0
R8
68
C18
1.8p
C16
1.8p
R15
1.0
R7
100
R10
100
R11
680
R12
680
C14
100n
R14
68
R6
150
C11
1.8p
C10
1.0
R5
68
R3
150
VCC
VCC
VCC
VCC
VCC
VCC
VCC
C6
1.0
R2
68
C8
1.8p
R15
150
J3
SDO4
J4
SDO4
J5
SDO4
J6
SDO4
GS9007
C3
100n
R1
50
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J1
SDI
J2
OEM
C15
47p
C12
47p
GS9004C
JP1 OEM
113
TP1
SSI
C4 100n
C2
100n
10
µ
+
C7
100n
C5
10
µ
+
100n
VCC
VCC
OEM
VCC
N/C
SSI
AGC
DATA
DATA
GND1
GND
GND
IN -
IN+
GND
+5V
SO2
SO2
SO1
SO1
GND
SI
SI
VCC
75
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright April 1996 Gennum Corporation.
All rights reserved.
Printed in Canada.
DOCUMENT IDENTIFICATION: DATA SHEET
The product is in production. Gennum reserves the right to
make changes at any time to improve reliability, function or
design, in order to provide the best product possible.
REVISION NOTES:
New information added to Device Description
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081, Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839
GENNUM UK LIMITED
Centaur House, Ancells Business Park, Ancells Road, Fleet, Hampshire, UK GU13 8UJ
Tel. +44 (1252) 761 039 Fax +44 (1252) 761 114
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com