Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9004CCKB Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9004CCKB
Description  Serial Digital Cable Equalizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004CCKB Datasheet(HTML) 4 Page - Gennum Corporation

  GS9004CCKB Datasheet HTML 1Page - Gennum Corporation GS9004CCKB Datasheet HTML 2Page - Gennum Corporation GS9004CCKB Datasheet HTML 3Page - Gennum Corporation GS9004CCKB Datasheet HTML 4Page - Gennum Corporation GS9004CCKB Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
521 - 72 - 00
0
5
0
5
0
80
75
70
65
60
0
10
20
30
40
50
60
70
0.1
1
10
100
500
FREQUENCY (MHz)
Fig. 3 Supply Current vs Temperature
TEMPERATURE
TYPICAL PERFORMANCE CURVES (unless otherwise shown VS = 5V, TA = 25°C)
CABLE LENGTH (m) (8281)
Fig. 5 Signal Strength Output Voltage
vs Input Cable Length
V
S = 5.25 V
0
50
100
150
200
250
300
350
5.0
4.9
4.8
4.7
4.6
4.5
4.4
INPUT CABLE LENGTH (m) (8281)
Fig. 4 Equalizer Gain vs Frequency
0
10
20
30
40
50
60
70
TEMPERATURE (
°C)
Fig. 6 Data and Data Output Voltage vs Temperature
0
50
100
150
200
250
300
350
900
850
800
750
700
650
600
V
S = 4.75 V
V
S = 5.0 V
V
S = 4.75 V
V
S = 5.0 V
Fig. 7 Additive Jitter vs Input Cable Length
at 270 Mb/s
V
S = 5.25 V
40
35
30
25
20
15
10
5
0
1000
900
800
700
600
500
400
300
200
100
0
270 Mb/s 2
23 PRN
Signal Source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com