Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9004CCKB Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9004CCKB
Description  Serial Digital Cable Equalizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004CCKB Datasheet(HTML) 1 Page - Gennum Corporation

  GS9004CCKB Datasheet HTML 1Page - Gennum Corporation GS9004CCKB Datasheet HTML 2Page - Gennum Corporation GS9004CCKB Datasheet HTML 3Page - Gennum Corporation GS9004CCKB Datasheet HTML 4Page - Gennum Corporation GS9004CCKB Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
• automatic cable equalization
• typically greater than 350 m of high quality cable at
270 Mb/s
• typically 300 m of high quality cable at 360 Mb/s
• improved jitter response vs cable length
• drop in replacement for GS9004B
• capability to drive 50
Ω loads (to V
TT
)
• fully compatible with SMPTE 259M and operational to
400 Mb/s
• signal strength indicator
• output 'eye' monitor
• 14 pin SOIC packaging
• single +5 or -5 volt power supply operation
GENLINX™ GS9004C
Serial Digital Cable Equalizer
FUNCTIONAL BLOCK DIAGRAM
GS9004C
IN+
AGC
CAPACITOR
SIGNAL
STRENGTH
INDICATOR
VOLTAGE
VARIABLE
FILTER
LOGIC
COMPARATOR
FILTER
CONTROL
PEAK
DETECTOR
DC
RESTORER
Σ
DATA
6
8
7
14
13
DATA
9
IN-
3 OUTPUT 'EYE'
MONITOR
DATA SHEET
DEVICE DESCRIPTION
The Gennum GS9004C is an improved monolithic automatic
cable equalizer developed for SMPTE/EBU scrambled
NRZI Serial Digital Video signals.
While there are no plans to discontinue the GS9004C,
Gennum has developed a successor product with improved
features and performance called the GS9024. The GS9024
is recommended for new designs.
This device features DC restoration to pass the Pathological
Test Signals and fully automatic equalization in order to
meet the SMPTE 259M Serial Interface Standard. The
DATA and DATA outputs typically deliver 800 mV (p-p)
equalized signals into 50
Ω loads (to V
TT
). These signals
can be used to feed cable driver circuits for Serial Distribution
Amplifier applications.
This device also incorporates an analog signal strength
indicator (SSI) which provides a 0.5 V to 0 V output relative
to V
CC, indicating the amount of equalization being applied
to the signal.
The
GS9004C features an OUTPUT 'EYE' MONITOR
(OEM), which allows verification of signal integrity after
equalization, prior to reslicing. Operating with a single +5
or -5 volt supply, the GS9004C typically draws 52 mA of
current.
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GS9004CCKB
14 pin SOIC
0
oC to 70oC
GS9004CCTB
14 pin SOIC Tape
0
oC to 70oC
APPLICATIONS
• Front-end cable equalization for digital video systems
• Input equalization for serial digital distribution amplifiers,
routers, production switchers and other receiving
equipment
Document No. 521 - 72 - 00
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 fax. +1 (905) 632-5946
Web Site: www.gennum.com E-mail: info@gennum.com


Similar Part No. - GS9004CCKB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9004DCKB GENNUM-GS9004DCKB Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9004DCKBE3 GENNUM-GS9004DCKBE3 Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9004DCTB GENNUM-GS9004DCTB Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
More results

Similar Description - GS9004CCKB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SZA1000 PHILIPS-SZA1000 Datasheet
164Kb / 32P
QIC digital equalizer
1998 Feb 16
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
166Kb / 37P
Stereo Audio Digital Equalizer
logo
Gennum Corporation
GS9007A GENNUM-GS9007A Datasheet
101Kb / 4P
Quad Serial Digital Cable Driver
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com