Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W160DB Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29W160DB
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29W160DB Datasheet HTML 16Page - STMicroelectronics M29W160DB Datasheet HTML 17Page - STMicroelectronics M29W160DB Datasheet HTML 18Page - STMicroelectronics M29W160DB Datasheet HTML 19Page - STMicroelectronics M29W160DB Datasheet HTML 20Page - STMicroelectronics M29W160DB Datasheet HTML 21Page - STMicroelectronics M29W160DB Datasheet HTML 22Page - STMicroelectronics M29W160DB Datasheet HTML 23Page - STMicroelectronics M29W160DB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
M29W160DT, M29W160DB
20/42
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 9, Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 9. Operating and AC Measurement Conditions
Figure 10. AC Measurement I/O Waveform
Figure 11. AC Measurement Load Circuit
Table 10. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
M29W160D
Unit
70
90
Min
Max
Min
Max
VCC Supply Voltage
3.0
3.6
2.7
3.6
V
Ambient Operating Temperature
–40
85
–40
85
°C
Load Capacitance (CL)
30
30
pF
Input Rise and Fall Times
10
10
ns
Input Pulse Voltages
0 to VCC
0to VCC
V
Input and Output Timing Ref. Voltages
VCC/2
VCC/2
V
AI04498
VCC
0V
VCC/2
AI04499
CL
CL includes JIG capacitance
DEVICE
UNDER
TEST
25k
Ω
VCC
25k
Ω
VCC
0.1
µF
Symbol
Parameter
Test Condi tion
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6pF
COUT
Output Capacitance
VOUT =0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com