Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W160DB Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29W160DB
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29W160DB Datasheet HTML 27Page - STMicroelectronics M29W160DB Datasheet HTML 28Page - STMicroelectronics M29W160DB Datasheet HTML 29Page - STMicroelectronics M29W160DB Datasheet HTML 30Page - STMicroelectronics M29W160DB Datasheet HTML 31Page - STMicroelectronics M29W160DB Datasheet HTML 32Page - STMicroelectronics M29W160DB Datasheet HTML 33Page - STMicroelectronics M29W160DB Datasheet HTML 34Page - STMicroelectronics M29W160DB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
M29W160DT, M29W160DB
REVISION HISTORY
Table 19. Document Revision History
Date
Version
Revision Details
July 2000
-01
First Issue: originates from M29W160B datasheet dated February 2000 with “B” revision
changed to “D” and erase program times modified
12-Jan-2001
-02
Document type: from Product Preview to Preliminary Data
18-Jul-2001
-03
Completely restructured
Document type: from Preliminary Data to Datasheet
Command Interface and Status Register clarification, CFI section added
Daisy Chain diagrams, package and PCB connections added
05-Nov-01
-04
Added Block Protection Appendix
CFI only available for Temperature range –40 to 85
°C
Clarified Read/Reset operation during Erase Suspend
Chip Erase, Program and Chip Program times modified (Table 6)
Package Mechanical Data clarified
Typical values included in DC Characteristics table (Table 11)
05-Apr-2002
-05
Description of Ready/Busy signal clarified (and Figure 15 modified)
Clarified the mode the device returns to in the CFI Read Query command section
24-Jun-2002
-06
Package Mechanical Data clarified (Table 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com