Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W160DB Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29W160DB
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29W160DB Datasheet HTML 24Page - STMicroelectronics M29W160DB Datasheet HTML 25Page - STMicroelectronics M29W160DB Datasheet HTML 26Page - STMicroelectronics M29W160DB Datasheet HTML 27Page - STMicroelectronics M29W160DB Datasheet HTML 28Page - STMicroelectronics M29W160DB Datasheet HTML 29Page - STMicroelectronics M29W160DB Datasheet HTML 30Page - STMicroelectronics M29W160DB Datasheet HTML 31Page - STMicroelectronics M29W160DB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
M29W160DT, M29W160DB
28/42
Figure 16. TFBGA48 8x9mm - 6x8 ball array, 0.80 mm pitch, Package Outline
Table 16. TFBGA48 8x9mm - 6x8 ball array, 0.80 mm pitch, Package Mechanical Data
millimeters
inches
Symbol
Typ
Min
Max
Typ
Min
Max
A
1.350
0.0531
A1
0.300
0.200
0.350
0.0118
0.0079
0.0138
A2
1.000
0.0394
b
0.400
0.350
0.450
0.0157
0.0138
0.0177
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
4.000
–
–
0.1575
–
–
ddd
0.100
0.0039
e
0.800
–
–
0.0315
–
–
E
9.000
8.900
9.100
0.3543
0.3504
0.3583
E1
5.600
–
–
0.2205
–
–
FD
2.000
–
–
0.0787
–
–
FE
1.700
–
–
0.0669
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
E1
E
D1
D
eb
SD
SE
A2
A1
A
BGA-Z14
ddd
BALL ”A1”
FD
FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com