Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9505EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9505EEE
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = CPVDD = MODE1 = 3.0V, MODE0 = SGND = GND = CPGND = 0V, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to
TMAX. RL = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV, gain = 6dB. Typical values are at VDD = CPVDD = MODE1 = 3.0V,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
MODE1 = VDD
1.7
4.4
On-Resistance
RON
MODE0 = VDD,
ISIN = 10mA
MODE1 = SGND
1.2
2.5
Ω
MODE1 = VDD
0.5
0.9
On-Resistance Flatness (Note 4)
MODE0 = VDD,
ISIN = 10mA, VDD = 3V
MODE1 = SGND
0.3
0.5
Ω
SOUT Off-Leakage Current
(Note 5)
MODE0 = SGND, VDD = 3.6V, VSIN = 0.3V,
3.3V, VSOUT = 3.3V, 0.3V
-1
+1
nA
SIN On-Leakage Current (Note 5)
MODE0 = VDD, VDD = 3.6V, VSIN = 0.3V,
3.3V, VSOUT = 3.3V, 0.3V
-1
+1
nA
Turn-On Time
VSIN = 1.5V, RL = 300
Ω, CL = 35pF,
Figure 1; VIH = 1.5V, VIL = 0V
35
60
ns
Turn-Off Time
VSIN = 1.5V; RL = 300
Ω, CL = 35pF,
Figure 1; VIH = 1.5V, VIL = 0V
50
80
ns
Charge Injection
VGEN = 1.5V, RGEN = 0
Ω, CL = 1nF,
Figure 2
20
pC
MODE0 = SGND, f = 10MHz;
VSOUT = 1VP-P, RL = 50
Ω, CL = 5pF
30
Off-Isolation
MODE0 = SGND, f = 1MHz; VSOUT = 1VP-P,
RL = 50
Ω, CL = 5pF
50
dB
On-Channel -3dB Bandwidth
MODE0 = VDD, signal = 0dBm, RL = 50
Ω,
CL = 5pF
200
MHz
Total Harmonic Distortion
MODE0 = VDD, VSIN = 2VP-P, RL = 600
Ω
0.025
%
SOUT Off-Capacitance
MODE0 = SGND, f = 1MHz
18
pF
Switch On-Capacitance
MODE0 = VDD, f = 1MHz
60
pF
CROSSTALK (VIDEO TO AUDIO)
VIDIN to SIN
MODE1 = MODE0 = VDD, f = 20kHz,
1VP-P at VIDIN
100
dB
VIDOUT to SIN
MODE1 = VDD, MODE0 = SGND,
f = 20kHz, 2VP-P at VIDOUT
85
dB
CHARGE PUMP
Switching Frequency
150
250
300
kHz
LOGIC SIGNALS (MODE0, MODE1)
Logic-Low Threshold
VIL
VDD = 2.7V to 3.6V
0.5
V
Logic-High Threshold
VIH
VDD = 2.7V to 3.6V
1.5
V
Logic Input Current
IIL
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com