Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9505EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9505EEE
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 9Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Operating Characteristics
(VDD = CPVDD = MODE1 = 3.0V, MODE0 = SGND = GND = CPGND = 0V, no load, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA =
TMIN to TMAX. RIN = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV, gain = 6dB. Typical values are at TA = +25°C, unless
otherwise noted.)
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
0.1
100
VVIDOUT = 100mVP-P
GAIN = 6dB
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
1
4
5
6
7
8
3
0.1
10
VVIDOUT = 100mVP-P
GAIN = 6dB
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
0.1
100
VVIDOUT = 2VP-P
GAIN = 6dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
1
4
5
6
7
8
3
0.1
10
VVIDOUT = 2VP-P
GAIN = 6dB
GROUP DELAY
FREQUENCY (MHz)
10
1
25
50
75
100
125
150
0
0.1
100
VVIDOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
-100
-80
-60
-40
-20
0
20
-120
0.01
10
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE (VIDEO MODE)
TEMPERATURE (
°C)
60
35
10
-15
11
12
13
14
10
-40
85
MODE0 = SGND, MODE1 = VDD
VOLTAGE GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5.9
6.0
6.1
6.2
5.8
-40
85
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.3
1.8
1.3
0.8
0.3
0
1
2
3
4
-1
-0.2
2.8
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
6
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com