Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9505EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9505EEE
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VDD = CPVDD = MODE1 = 3.0V, MODE0 = SGND = GND = CPGND = 0V, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to
TMAX. RL = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV, gain = 6dB. Typical values are at VDD = CPVDD = MODE1 = 3.0V,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Flatness
VDD = 2.7V, f = 100kHz to 5.5MHz
-1
0
+1
dB
f = 9.1MHz
3
Attenuation
VDD = 2.7V,
VIDOUT= 2VP-P, attenuation
is referred to 100kHz
f = 27MHz
35
50
dB
Power-Supply Rejection Ratio
PSRR
f = 100kHz
62
dB
Output Impedance
ZOUT
f = 5MHz
0.5
Ω
Differential Gain Error
DG
NTSC, VIDOUT = 2VP-P
0.1
%
Differential Phase Error
DP
NTSC, VIDOUT = 2VP-P
0.2
degrees
2T Pulse-to-Bar K Rating
2T = 250ns, bar time is 18µs, the beginning
2.5% and the ending 2.5% of the bar time
are ignored
-0.3
K%
2T Pulse Response
2T = 250ns
0.3
K%
2T Bar Response
2T = 250ns, bar time is 18µs, the beginning
2.5% and the ending 2.5% of the bar time
are ignored
0.7
K%
Nonlinearity
5-step staircase
0.2
%
Group Delay Distortion
DDt
100kHz to 5.5MHz
10
ns
VIDOUT Capacitive-Load Stability
CL
VOUT = 2VP-P, no sustained oscillations
20
pF
Peak Signal-to-RMS Noise
SNR
100kHz to 5.5MHz
64
dB
Enable Time
tON
VIDIN = 0.5V, VIDOUT settled to within 1%
of the final voltage
0.2
ms
Disable Time
tOFF
VIDIN = 0.5V, VIDOUT settled to below 1%
of the output voltage
0.1
ms
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output voltage swing is divided by the input voltage swing.
Note 3: With an output load attached, this offset will directly contribute to quiescent current.
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com