Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104VT2 Datasheet(PDF) 19 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 14Page - AZ Displays PD104VT2 Datasheet HTML 15Page - AZ Displays PD104VT2 Datasheet HTML 16Page - AZ Displays PD104VT2 Datasheet HTML 17Page - AZ Displays PD104VT2 Datasheet HTML 18Page - AZ Displays PD104VT2 Datasheet HTML 19Page - AZ Displays PD104VT2 Datasheet HTML 20Page - AZ Displays PD104VT2 Datasheet HTML 21Page - AZ Displays PD104VT2 Datasheet HTML 22Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:19
11. Reliability Test
No
Test Item
Test Condition
Remark
1 High Temperature Storage Test
Ta = +70℃, 240 hrs
2 Low Temperature Operation Test
Ta = -10℃, 240 hrs
3
High Temperature & High Humidity
Operation Test
Ta = +60℃, 90%RH, 240 hrs
(No Condensation)
4
Thermal Cycling Test
(non-operating)
0℃
+60℃, 50 Cycles
1Hr
1Hr
5
Vibration Test
(non-operating)
Frequency:10 ~ 57 HZ , Amplitude:0.5 mm
58~500Hz, 1G
Sweep time: 11 min
Test Period: 3 hrs (1 hr for each direction of X,
Y, Z)
6
Shock Test
(non-operating)
80G, 6ms, X,Y, Z
1 times for each direction
7
Electrostatic Discharge Test
(non-operating)
150pF, 330Ω
Air: ±15KV; Contact: ±8KV
10 times/point, 9 points/panel face
Ta: ambient temperature
[Judgement Criteria]
Under the display quality test conditions with normal operation state , there should be no
change which may affect practical display function.
12. Indication of Lot Number Label
1. Indicated contents of the label
Lot number
Module number
Contents of lot number : 1st—Process area : class 1000, 10K, 100K
⇒ D
2nd~3rd—Module screen size(in inch) : 1.8”
⇒18, 10.4”⇒A4……
5th—Production year : 1999
⇒9, 2000⇒A, 2001⇒1……..
6th—Production month : 1, 2, 3,….9, A, B, C
7th~10th—Serial numbers : 0001~9999
OOO-OOOOOO
PD104VT2XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com