Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104VT2 Datasheet(PDF) 12 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 12 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 8Page - AZ Displays PD104VT2 Datasheet HTML 9Page - AZ Displays PD104VT2 Datasheet HTML 10Page - AZ Displays PD104VT2 Datasheet HTML 11Page - AZ Displays PD104VT2 Datasheet HTML 12Page - AZ Displays PD104VT2 Datasheet HTML 13Page - AZ Displays PD104VT2 Datasheet HTML 14Page - AZ Displays PD104VT2 Datasheet HTML 15Page - AZ Displays PD104VT2 Datasheet HTML 16Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:12
(4) Detail of Horizontal Timing :
Hp
Hpw
Hdp
Hfp
Hbp
Hsync
Display period
(a) VGA-480 Mode (Hsync = Negative Polarization)
Item
Description
Clock Cycles
Time
Hpw
Horizontal Width
96
3.813 μs
Hbp
Horizontal B-Porch
48
1.907 μs
Hdp
Horizontal Display
640
25.422 μs
Hfp
Horizontal F-Porch
16
0.636 μs
Hp
Horizontal Total
800
31.778 μs
(5) Detail of Vertical Timing :
Vp
Vpw
Vdp
Vfp
Vbp
Vsync
Display period
(a) VGA-480 Mode (Vsync = Negative Polarization)
Item
Description
Horizontal Lines
Time
Vpw
Vertical Width
2
63.5 μs
Vbp
Vertical B-Porch
33
1.049 ms
Vdp
Vertical Display
480
15.253 ms
Vfp
Vertical F-Porch
10
317.8 μs
Vp
Vertical Total
525
16.683 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com