Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104VT2 Datasheet(PDF) 14 Page - AZ Displays

Part # PD104VT2
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104VT2 Datasheet(HTML) 14 Page - AZ Displays

Back Button PD104VT2 Datasheet HTML 10Page - AZ Displays PD104VT2 Datasheet HTML 11Page - AZ Displays PD104VT2 Datasheet HTML 12Page - AZ Displays PD104VT2 Datasheet HTML 13Page - AZ Displays PD104VT2 Datasheet HTML 14Page - AZ Displays PD104VT2 Datasheet HTML 15Page - AZ Displays PD104VT2 Datasheet HTML 16Page - AZ Displays PD104VT2 Datasheet HTML 17Page - AZ Displays PD104VT2 Datasheet HTML 18Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PD104VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:14
8. Power On Sequence
1. The supply voltage for input signals should be same as VCC.
2. When the power is off , please keep whole signals (Hsync, Vsync, CLK, Data) low level
or high impedance
3.0 V
3.0 V
0 s< t <35 ms
0 s< t <35 ms
35ms
0<17ms
Signal
Backlight
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com