Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA476 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA476
Description  Eight Input IEEE 1149.1 Analog Voltage Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA476 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SCANSTA476 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Connection Diagram
20083522
DAP = GND
(Top View)
Pin Descriptions
Pin No.
Symbol
Description
ANALOG I/O
16
A0
Analog input 0. This signal can range from 0V to V
REF.
15
A1
Analog input 1. This signal can range from 0V to V
REF.
14
A2
Analog input 2. This signal can range from 0V to V
REF.
13
A3
Analog input 3. This signal can range from 0V to V
REF.
12
A4
Analog input 4. This signal can range from 0V to V
REF.
11
A5
Analog input 5. This signal can range from 0V to V
REF.
10
A6
Analog input 6. This signal can range from 0V to V
REF.
9
A7
Analog input 7. This signal can range from 0V to V
REF.
2V
REF
Analog reference voltage input. V
REF must be
≤ V
DD. This pin should be connected to a quiet
+2.7V to +5.5V source (not directly to V
DD) and bypassed to GND with 0.1 µF and 1 µF
monolithic capacitors located within 1 cm of the V
REF pin.
DIGITAL I/O
6
TDI
Test Data Input to support IEEE 1149.1 features
5
TDO
Test Data Ouput to support IEEE 1149.1 features
7
TMS
Test Mode Select to support IEEE 1149.1 features
8
TCK
Test Clock to support IEEE 1149.1 features
4
TRST
Test Reset to support IEEE 1149.1 features
POWER SUPPLY
1,3
V
DD
Positive supply pin. These pins should be connected to a quiet +2.7V to +5.5V source and
bypassed to GND with 0.1 µF and 1 µF monolithic capacitors located within 1 cm of the
power pin.
(Note 1)
GND
Ground reference for CMOS circuitry. DAP is the exposed metal contact at the bottom of the
LLP package. The DAP is used as the primary GND connection to the device. It should be
connected to the ground plane with at least 4 vias for optimal low-noise and thermal
performance.
Note 1: Note that GND is not an actual pin on the package, the GND is connected thru the DAP on the back side of the LLP package.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com