Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA476 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA476
Description  Eight Input IEEE 1149.1 Analog Voltage Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA476 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCANSTA476 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
DD
−0.3V to +6.5V
Voltage on Any Analog Pin to GND
−0.3V to V
DD+0.3V
Voltage on Any Digital Pin to GND
-0.3V to V
DD+0.3V
Input Current at Any Pin (Note 4)
±10 mA
ESD Susceptibility
Human Body Model
Machine Model
8000V
>250V
Soldering Temperature
Refer to AN-1187
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Thermal Resistance,
θ
JA
42˚C/W
Thermal Resistance,
θ
JC
14.3˚C/W
Recommended Operating
Conditions
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
DD Supply Voltage
+2.7V to +5.5V
Digital Input Pins Voltage Range
+0V to V
DD
Analog Input Pins Voltage Range
(Note 5)
+0V to V
REF
SCANSTA476 Electrical Characteristics
The following specifications apply for V
DD = +2.7V to 5.5V, fTCK = 20 MHz, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
POWER SUPPLY CHARACTERISTICS
V
DD
Supply Voltage
−40˚C
≤ T
A
≤ 85˚C
2.7
V (min)
5.5
V (max)
I
DD
Normal Mode (Static)
V
DD = +2.7V to +5.5V,
3.5
5.0
mA
Normal Mode (Operational)
V
DD = +2.7V to +5.5V,
f
TCK = 1 MSPS
5.0
mA (max)
P
D
Power Consumption, Normal Mode
(Operational)
V
DD = +5.5V, fTCK = 1 MSPS
27.5
mW (max)
ANALOG INPUT CHARACTERISTICS (A0-A7)
V
IN
Analog Input Range
V
REF
≤ V
DD
0toV
REF
V
V
REF
Reference Voltage Range
V
DD -
0.5V to
V
DD
V
I
DCL
DC Leakage Current
0.1
±10
µA (max)
V
MEAS
Analog Input Measurement Accuracy
V
DD = +2.7V
1
7.5
mV
V
DD = +5.5V
2
15
DIGITAL INPUT CHARACTERISTICS (TDI, TMS, TCK, TRST)
V
IH
Input High Voltage
V
DD = +2.7V to +3.6V
2.0
V (min)
V
DD = +5.5V
2.1
V
IL
Input Low Voltage
V
DD = +5V
0.8
V (max)
V
CL
Input Clamp Voltage
I
CL = -18mA
-0.8
-1.5
V (max)
I
IN
Input Current
V
IN =0VorVDD
0.2
±10
µA (max)
I
ILR
Input Current
TRST, TDI, TMS only
-300
µA (max)
DIGITAL OUTPUT CHARACTERISTICS (TDO)
V
OH
Output High Voltage
I
OH = -100 µA, 2.7V
≤ V
DD
≤ 5.5V
V
DD −0.2
V (min)
I
OH = -4 mA, 3.0V
≤ V
DD
≤ 5.5V
2.4
V (min)
I
OH = -4 mA, VDD = 2.7V
2.2
V (min)
V
OL
Output Low Voltage
I
OL = 100 µA, 2.7V
≤ V
DD
≤ 5.5V
0.2
V (max)
I
OL = 4 mA, 2.7V
≤ V
DD
≤ 5.5V
0.4
V (max)
I
OS
Output Short Circuit Current
V
OUT = 0V, VDD = 5.5V
-85
mA (max)
I
OZ
TRI-STATE Leakage Current
±10
µA (max)
Output Coding
Straight (Natural) Binary
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com