Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA476 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA476
Description  Eight Input IEEE 1149.1 Analog Voltage Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA476 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCANSTA476 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA476 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SCANSTA476 Electrical Characteristics (Continued)
The following specifications apply for V
DD = +2.7V to 5.5V, fTCK = 20 MHz, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
AC ELECTRICAL CHARACTERISTICS
F
MAX
Throughput Rate
TCK = 20MHz
1
MSPS
(max)
INPUT TIMING CHARACTERISTICS
t
SET
TDI to TCK (H/L)
(Note 3)
2.0
ns (min)
t
HOLD
TDI to TCK (H/L)
(Note 3)
1.5
ns (min)
t
SET
TMS to TCK (H/L)
(Note 3)
2.0
ns (min)
t
HOLD
TMS to TCK (H/L)
(Note 3)
2.0
ns (min)
t
W
TCK Pulse Width (H/L)
(Note 3)
10.0
ns (min)
t
REC
Recovery TIme TRST to TCK
(Note 3)
2.0
ns (min)
t
W
TRST Pulse Width (L)
(Note 3)
2.5
ns (min)
F
MAX
TCK
20
MHz (min)
Note 2: Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not implied. Exposure to maximum ratings for extended periods may affect device reliability.
Note 3: Data sheet min/max specification limits are guaranteed by design or statistical analysis.
Note 4: Except power supply pins.
Note 5: For valid measurements, the analog VIN < VREF ≤ VDD.
Applications Information
POWER-UP TIMING
The SCANSTA476 typically requires 1 µs to power up ,
either after first applying V
DD, or after an incomplete conver-
sion shift. To return to normal, one "dummy" conversion must
be fully completed. After this first dummy conversion, the
SCANSTA476 will perform conversions properly.
STARTUP MODE
When the V
DD supply is first applied, the SCANSTA476
requires one dummy conversion after start-up.
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com