Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC84X Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 63Page - NXP Semiconductors LPC84X Datasheet HTML 64Page - NXP Semiconductors LPC84X Datasheet HTML 65Page - NXP Semiconductors LPC84X Datasheet HTML 66Page - NXP Semiconductors LPC84X Datasheet HTML 67Page - NXP Semiconductors LPC84X Datasheet HTML 68Page - NXP Semiconductors LPC84X Datasheet HTML 69Page - NXP Semiconductors LPC84X Datasheet HTML 70Page - NXP Semiconductors LPC84X Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
67 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
12.8 USART interface
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
master synchronous mode is 10 Mbit/s, and the maximum supported bit rate for USART
slave synchronous mode is 10 Mbit/s.
Remark: USART functions can be assigned to all digital pins. The characteristics are valid
for all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Table 24.
USART dynamic characteristics
Tamb = 40 C to 105 C; 1.8 V <= VDD <= 3.6 V unless noted otherwise; CL = 10 pF; input slew =
10 ns. Simulated parameters sampled at the 30 %/70 % level of the falling or rising edge; values
guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
USART master (in synchronous mode)
tsu(D)
data input set-up time
3.0 V <= VDD <= 3.6 V
31
-
ns
1.8 V <= VDD < 3.0 V
42
th(D)
data input hold time
0
-
ns
tv(Q)
data output valid time
0
7
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up time
5
-
ns
th(D)
data input hold time
5
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
35
ns
1.8 V <= VDD < 3.0 V
0
46
ns
Fig 32. USART timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com