| Electronic Components Datasheet Search |
|
LPC84X Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC84X Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 97 page ![]() LPC84x All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 1.7 — 27 February 2018 13 of 97 NXP Semiconductors LPC84x 32-bit Arm Cortex-M0+ microcontroller PIO0_14/ ACMP_I3/ADC_2 49 37 37 25 [2] I; PU IO PIO0_14 — General-purpose port 0 input/output 14. A ACMP_I3 — Analog comparator common input 3. A ADC_2 — ADC input 2. PIO0_15 30 22 22 15 [5] I; PU IO PIO0_15 — General-purpose port 0 input/output 15. PIO0_16 19 15 15 10 [4] I; PU IO PIO0_16 — General-purpose port 0 input/output 16. PIO0_17/ADC_9/ DACOUT_0 63 48 48 32 [2] I; PU IO PIO0_17 — General-purpose port 0 input/output 17. A ADC_9 — ADC input 9. A DACOUT_0 — DAC Output 0. PIO0_18/ADC_8 61 47 47 31 [2] I; PU IO PIO0_18 — General-purpose port 0 input/output 18. A ADC_8 — ADC input 8. PIO0_19/ADC_7 60 46 46 30 [2] I; PU IO PIO0_19 — General-purpose port 0 input/output 19. A ADC_7 — ADC input 7. PIO0_20/ADC_6 58 45 45 29 [2] I; PU IO PIO0_20 — General-purpose port 0 input/output 20. A ADC_6 — ADC input 6. PIO0_21/ADC_5 57 44 44 28 [2] I; PU IO PIO0_21 — General-purpose port 0 input/output 21. A ADC_5 — ADC input 5. PIO0_22/ADC_4 55 43 43 27 [2] I; PU IO PIO0_22 — General-purpose port 0 input/output 22. A ADC_4 — ADC input 4. PIO0_23/ADC_3/ ACMP_I4 51 39 39 26 [2] I; PU IO PIO0_23 — General-purpose port 0 input/output 23. A ADC_3 — ADC input 3. A ACMP_I4 — Analog comparator common input 4. PIO0_24 28 20 20 14 [5] I; PU IO PIO0_24 — General-purpose port 0 input/output 24. In ISP mode, this is the U0_RXD pin. PIO0_25 27 19 19 13 [5] I; PU IO PIO0_25 — General-purpose port 0 input/output 25. In ISP mode, this pin is the U0_TXD pin. PIO0_26 23 18 18 12 [5] I; PU IO PIO0_26 — General-purpose port 0 input/output 26. PIO0_27 21 17 17 11 [5] I; PU IO PIO0_27 — General-purpose port 0 input/output 27. PIO0_28/ WKTCLKIN 10 7 7 5 [3] I; PU IO PIO0_28 — General-purpose port 0 input/output 28. This pin can host an external clock for the self-wake-up timer. To use the pin as a self-wake-up timer clock input, select the external clock in the wake-up timer CTRL register. The external clock input is active in all power modes, including deep power-down. PIO0_29/ DACOUT_1 50 38 38 - [5] I; PU IO PIO0_29 — General-purpose port 0 input/output 29. A DACOUT_1 — DAC output 1. PIO0_30/ACMP_I5 54 42 42 - [5] I; PU IO PIO0_30 — General-purpose port 0 input/output 30. A ACMP_I5 — Analog comparator common input 5. Table 4. Pin description Symbol Reset state[1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |