Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2000 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 2Page - ON Semiconductor FSA2000 Datasheet HTML 3Page - ON Semiconductor FSA2000 Datasheet HTML 4Page - ON Semiconductor FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
5
Detailed Description
USB Compliance
Figure 5. High-Speed USB 2.0 Eye Compliance (5.5V)
Transient Suppression
A common issue with headphone amplifiers is audible noises
through the headset when the amplifier is powering up or
down. Sharp transients often occur on the audio outputs
during this transition that cause audible “click and pop.” The
FSA2000 prevents these transients during power-up by
muting the outputs until the internal charge pumps are
stable. This ensures that any transients caused by the
charge pump are not propagated to the outputs. In cases
where the application needs a longer startup time for mute,
the FSA2000 has a MUTE pin that allows application control
over the behavior of the amplifier during startup and power
down. The MUTE pin forces the audio outputs into a known
and controlled state so that any transients of the amplifier
are not propagated to the headphones as clicks and pops.
Figure 6 shows the correct timing of the MUTE pin in relation
to the /SHDN pin for optimal click and pop performance.
Figure 6. Power-Up and Power-Down Timing
Table 1.
Recommended MUTE Timing
Parameter
Description
Suggested
Timing
TMUTEPU_SETUP
MUTE setup time to /SHDN
rising edge
>500ns
TMUTEPU_HOLD
MUTE hold time to /SHDN
rising edge
~500ns
TMUTEPD_SETUP
MUTE setup time to /SHDN
falling edge
>500ns
TMUTEPD_HOLD
MUTE hold time to /SHDN
falling edge
~500ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com