Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2000 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA2000
Description  Auto-Selecting HS-USB Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2000 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA2000 Datasheet HTML 5Page - ON Semiconductor FSA2000 Datasheet HTML 6Page - ON Semiconductor FSA2000 Datasheet HTML 7Page - ON Semiconductor FSA2000 Datasheet HTML 8Page - ON Semiconductor FSA2000 Datasheet HTML 9Page - ON Semiconductor FSA2000 Datasheet HTML 10Page - ON Semiconductor FSA2000 Datasheet HTML 11Page - ON Semiconductor FSA2000 Datasheet HTML 12Page - ON Semiconductor FSA2000 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2000
• Rev. 1.0.0
8
AC Electrical Characteristics
TA = 25°C, VCC = 3.0V, audio inputs at -
6dBV and AC coupled with 0.1µF, audio outputs DC coupled into 32Ω loads
referenced to 1kHz, unless otherwise noted.
Symbol
Parameter
VCC (V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
Audio Amplifier Path
tONAUDIO
Turn-On Time /SHDN to Output
3.0 to 4.5
VD+/R, D-/L = 1.0V; CL = 0pF,
1
ms
tOFFAUDIO
Turn-Off Time /SHDN to Output
3.0 to 4.5
VD+/R, D-/L = 1.0V; CL = 0pF
100
μs
tMUTE_ON
MUTE Turn-On Time
3.0 to 4.5
1
μs
tMUTE_OFF
MUTE Turn-Off Time
3.0 to 4.5
1
μs
Pout
Output Power
(5)
2.7
THD_N=1%, VL,R In Phase,
RLOAD=32
Ω, 1KHz
25
mWrms
3.3
35
4.5
40
VOS
Output Offset Voltage
Inputs Grounded
5
mV
AV
Amplifier Gain
Input = -26dBV at 1kHz, RL=1
6Ω
0
dB
AMATCH
Gain Matching of L & R Channels
(5)
Input = -26dBV, 20Hz to 20kHz
0.5
dB
fR
Frequency Response
(5)
20Hz to 20kHz referenced to 1kHz
-1.5
1.5
dB
THD+N
Distortion
(5)
f=1KHz, Vsw=50mVrms, RL=64
Ω
0.1
%
SNR
Signal to Noise Ratio
(5)
A Weighted
-90
dB
XTLKsprk
Crosstalk between L & R Channel
(5)
Input=-26bBV
-60
dB
USB Switch Path
tPDUSB
USB Switch Propagation Delay
(5)
4.0 to 5.5
RL
= 50Ω; C
L = 0pF
0.25
ns
tONUSB
Turn-On Time VBUS to Output
4.0 to 5.5
VD+/R, D-/L = 1.0V; RL
= 32Ω;
CL = 0pF, /SHDN,VCC=0
5.5
μs
tOFFUSB
Turn-Off Time VBUS to Output
4.0 to 5.5
VD+/R, D-/L = 1.0V; RL
= 32Ω;
CL = 0pF, /SHDN,VCC=0
2
μs
BW
-3db Bandwidth
– USB
4.0 to 5.5
RL
=50Ω, C
L=0pF, Signal 0dBm
720
MHz
Power Supply
tSUPPLY
Power-Up Stabilization Time
V+, V- within 90% of Final Value
1
ms
PSRRSPKR
Power Supply Noise Rejection at
Common Output
(5)
217Hz 12% Duty Cycle Square
Wave 2.7V to 3.2V at VCC
Output (D+/R) in Vrms as Single
Wideband Noise Measurement
within 20Hz
– 20kHz, A Weighted
-95
dB
Note:
5.
Guaranteed by characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com