Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3000 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA3000 Datasheet HTML 4Page - ON Semiconductor FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor FSA3000 Datasheet HTML 10Page - ON Semiconductor FSA3000 Datasheet HTML 11Page - ON Semiconductor FSA3000 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
7
Test Diagrams
Note:
11. HSD refers to the high-speed data on USB or MHL paths.
Figure 3. On Resistance
Figure 4. Off Leakage
Figure 5. AC Test Circuit Load
Figure 6. Turn-On / Turn-Off Waveforms
Figure 7. Propagation Delay (tRtF
– 500 ps)
Figure 8. Intra-Pair Skew Test tSK(P)
Select
VSel= 0 orVcc
NC
A
I
Dn(OFF)
VSW
GND
V
Vcc
**Each switch port is tested separately
RL , RS and CL are function of application
environment (see AC Tables for specific values)
CL includes test fixture and stray capacitance
RL
CL
HSDn
Dn
GND
GND
RS
VSel
VSW
GND
VOUT
tRISE= 500ps
- 400mV
90%
90%
10%
10%
tFALL = 500ps
0V
Output
tPHL
+400mV
tPLH
tRISE= 2.5ns
GND
VCC
90%
90%
10%
10%
tFALL = 2.5ns
VCNTRL-HI
VCNTRL-HI
Input
– V
SEL. /OE
Output- V
OUT
90%
VOH
VOL
tON
tOFF
90%
V
–
V
–
Select
HSDn
Dn
VSel= 0 orVCC
ION
VON
RO
N
= VO
N
/ ION
GND
VSW
GND
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com