Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3000 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor FSA3000 Datasheet HTML 10Page - ON Semiconductor FSA3000 Datasheet HTML 11Page - ON Semiconductor FSA3000 Datasheet HTML 12Page - ON Semiconductor FSA3000 Datasheet HTML 13Page - ON Semiconductor FSA3000 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
9
Insertion Loss
One of the key factors for the FSA3000 in mobile digital
video applications is the small amount of insertion loss
in the received signal as it passes through the switch.
This results in minimal degradation of the received eye.
One of the ways to measure the quality of the high data
rate channels is using balanced ports and 4-port
differential S-parameter analysis, particularly SDD21.
Bandwidth is measured using the S-parameter SDD21
methodology. Figure 15 shows the bandwidth (GHz) for
the MHL path and Figure 16 shows the bandwidth curve
for the USB path.
Figure 15. MHL (MDV) Path SDD21 Insertion
Loss Curve
Figure 16. USB Path SDD21 Insertion Loss Curve
Typical Application
Figure 17 shows a typical mobile application using the
FSA3000 for MHL switching. The FSA3157 is used for
OTG dual-role device implementations where the CBUS
of MHL and the ID pin for USB needs to be switched.
The 3M resistor for MHL_SEL is optional to ensure that
on power up the USB switch path is selected as default.
HDMI to MHL
Bridge
Baseband or
Application
Processor
USB_D+
USB_D-
CBUS
MHL+
MHL-
VBUS
D+
D-
ID
GND
MicroUSB
Connector
GND
FSA3000
VBAT
3M
MHL_SEL
D+
D-
Sel
/OE
Vcc
MHL+
MHL-
USB+
USB-
To USB Battery Charging Block
Enable
ID_USB
FSA3157
Figure 17. Typical Mobile MHL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com