Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3000 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor FSA3000 Datasheet HTML 10Page - ON Semiconductor FSA3000 Datasheet HTML 11Page - ON Semiconductor FSA3000 Datasheet HTML 12Page - ON Semiconductor FSA3000 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
8
Test Diagrams (Continued)
Figure 9. Break-Before-Make Interval Timing
Figure 10. Insertion Loss
Figure 11. Channel Off Isolation
Figure 12. Non-Adjacent Channel-to-Channel Crosstalk
Figure 13. Channel Off Capacitance
Figure 14. Channel On Capacitance
Vcc
0.9*Vout
Vcc/2
tBBM
0V
VOUT
Input -
VSel
0.9*Vout
tRISE = 2.5ns
90%
10%
CL
HSDn
RL
Dn
GND
GND
RS
VSel
VSW1
GND
VOUT
VSW2
GND
RL , RS and CL are function of application
environment (see AC Tables for specific values)
CL includes test fixture and stray capacitance
VOUT
FSA3000
VS, RS and RT are function of application
environment (see AC/DC Tables for values)
VIN
RT
GND
VS
RS
VS
RS
VIN
Network Analyzer
RT
GND
VOUT
Network
Analyzer
R
S and RT are functions of the application
environment (see AC Tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VSel
GND
VIN
RT
Off isolation = 20 Log (VOUT / VIN)
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are functions of the application environment
(see AC Tables for specific values).
VSel
GND
NC
VIN
Crosstalk = 20 Log (VOUT / VIN)
VSel = 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn
VSel= 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com