Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8946 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8946 Datasheet HTML 35Page - Cirrus Logic WM8946 Datasheet HTML 36Page - Cirrus Logic WM8946 Datasheet HTML 37Page - Cirrus Logic WM8946 Datasheet HTML 38Page - Cirrus Logic WM8946 Datasheet HTML 39Page - Cirrus Logic WM8946 Datasheet HTML 40Page - Cirrus Logic WM8946 Datasheet HTML 41Page - Cirrus Logic WM8946 Datasheet HTML 42Page - Cirrus Logic WM8946 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
WM8946
Rev 4.5
39
SIGNAL ENHANCEMENT REGISTER CONTROLS
The SE1 ‘enable’ bits are described in Table 13. Note that other control fields must also be
determined and written to the WM8946 using WISCE™ or other tools. The registers described below
only allow the sub-blocks of SE1 to be enabled or disabled.
Note that it is not recommended to access these control fields unless appropriate values have been
written to the associated bits in registers R65 to R98.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
SE1_LHPF_C
ONFIG
1
SE1_LHPF_R_E
NA
0
SE1 Right channel low-pass / high-
pass filter enable
0 = Disabled
1 = Enabled
0
SE1_LHPF_L_E
NA
0
SE1 Left channel low-pass / high-
pass filter enable
0 = Disabled
1 = Enabled
R68 (44h)
SE1_3D_CON
FIG
1
SE1_3D_R_ENA
0
SE1 Right channel 3D stereo
enhancement filter enable
0 = Disabled
1 = Enabled
0
SE1_3D_L_ENA
0
SE1 Left channel 3D stereo
enhancement filter enable
0 = Disabled
1 = Enabled
R71 (47h)
SE1_NOTCH_
CONFIG
1
SE1_NOTCH_R
_ENA
0
SE1 Right channel notch filters
enable
0 = Disabled
1 = Enabled
0
SE1_NOTCH_L_
ENA
0
SE1 Left channel notch filters
enable
0 = Disabled
1 = Enabled
R92 (5Ch)
SE1_DF1_CO
NFIG
1
SE1_DF1_R_EN
A
0
SE1 Right channel DF1 filter enable
0 = Disabled
1 = Enabled
0
SE1_DF1_L_EN
A
0
SE1 Left channel DF1 filter enable
0 = Disabled
1 = Enabled
Table 13 Signal Enhancement Block 1 (SE1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com