Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8946 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8946 Datasheet HTML 33Page - Cirrus Logic WM8946 Datasheet HTML 34Page - Cirrus Logic WM8946 Datasheet HTML 35Page - Cirrus Logic WM8946 Datasheet HTML 36Page - Cirrus Logic WM8946 Datasheet HTML 37Page - Cirrus Logic WM8946 Datasheet HTML 38Page - Cirrus Logic WM8946 Datasheet HTML 39Page - Cirrus Logic WM8946 Datasheet HTML 40Page - Cirrus Logic WM8946 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 173 page
background image
WM8946
Rev 4.5
37
DF1 FILTER
3D surround
5-notch filter
DF1 filter
L/HPF
Signal Enhancement Block 1 (SE1)
The DF1 filter is part of the SE1 block. This provides a direct-form 1 standard filter, as illustrated in
Figure 17. All of the filter coefficients are programmable for the left and right channels independently.
The default coefficients give a transparent filter response.
+
+
z
-1
z
-1
c1
c2
c3
y
x
Figure 17 Direct-Form 1 Standard Filter Structure
The DF1 response is defined by the following equations:
1
3
1
2
1
3
2
1
1
]
1
[
]
1
[
]
[
]
[
z
c
z
c
c
x
y
H
n
y
c
n
x
c
n
x
c
n
y
The DF1 filters may be enabled on the left and right channels using the SE1_DF1_L_ENA and
SE1_DF1_R_ENA register bits defined in Table 13. For the derivation of the other associated
registers, refer to the configuration tools supplied with the WM8946 Evaluation Kit.
The DF1 filter can be used to implement very complex response patterns, with specific phase and
gain responses at different frequencies. Typical applications of this type of filter include the application
of refinements or compensations to the 3D enhancement or other user-selected filters.
RETUNETM FILTER
ReTune
TM
5-band EQ
Signal Enhancement Block 2 (SE2)
The ReTune
™ filter is part of the SE2 block. This is a very advanced feature that is intended to
perform frequency linearization according to the particular needs of the application microphone,
loudspeaker or housing. The ReTune
™ algorithms can provide acoustic equalisation and selective
phase (delay) control of specific frequency bands.
The ReTune™ filters are enabled using the SE2_RETUNE_L_ENA and SE2_RETUNE_R_ENA
register bits defined in Table 14.
The ReTune™ filter coefficients are programmed in registers R101 to R132. For the derivation of the
other
ReTune configuration parameters, the WISCE™ software must be used to analyse the
requirements of the application. (Refer to WISCE™ for further information.) If desired, one or more
sets of register coefficients might be derived for different operating scenarios, and these may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com