Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8304AMLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8304AMLF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8304AMLF Datasheet(HTML) 4 Page - Integrated Device Technology

  8304AMLF Datasheet HTML 1Page - Integrated Device Technology 8304AMLF Datasheet HTML 2Page - Integrated Device Technology 8304AMLF Datasheet HTML 3Page - Integrated Device Technology 8304AMLF Datasheet HTML 4Page - Integrated Device Technology 8304AMLF Datasheet HTML 5Page - Integrated Device Technology 8304AMLF Datasheet HTML 6Page - Integrated Device Technology 8304AMLF Datasheet HTML 7Page - Integrated Device Technology 8304AMLF Datasheet HTML 8Page - Integrated Device Technology 8304AMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW SKEW, 1-TO-4 LVCMOS/LVTTL
FANOUT BUFFER
8304 DATA SHEET
4
REVISION H 11/19/15
TABLE 3D. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
TABLE 4A. AC CHARACTERISTICS, V
DD
= V
DDO
= 3.3V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD
+ 0.3
V
V
IL
Input Low Voltage
-0.3
1.3
V
I
IH
Input High Current
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input Low Current
V
DD
= 3.465V, V
IN
= 0V
-5
µA
V
OH
Output High Voltage; NOTE 1
2.1
V
V
OL
Output Low Voltage; NOTE 1
0.5
V
NOTE 1: Outputs terminated with 50
Ω
to V
DDO
/2. See Parameter Measurement Section,
“3.3V/2.5V Output Load Test Circuit”.
TABLE 4B. AC CHARACTERISTICS, V
DD
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Maximum Output Frequency
200
MHz
tp
LH
Propagation Delay, Low-to-High;
NOTE 1
ƒ
≤ 166MHz
2.0
3.3
ns
166MHz < f
≤ 189.5MHz
2.0
3.4
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
125MHz, Integration Range:
12kHz – 20MHz
0.173
ps
tsk(o)
Output Skew; NOTE 2, 4
ƒ = 133MHz
45
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
500
ps
t
R
Output Rise Time
30% to 70%
250
500
ps
t
F
Output Fall Time
30% to 70%
250
500
ps
odc
Output Duty Cycle
f
≤ 189.5MHz
40
60
%
All parameters measured at f
MAX
unless noted otherwise.
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO
/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at V
DDO
/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Maximum Output Frequency
189.5
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
ƒ
≤ 166MHz
2.3
3.7
ns
166MHz < f
≤ 189.5MHz
2.15
3.55
ns
tsk(o)
Output Skew; NOTE 2, 4
ƒ = 133MHz
60
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
500
ps
t
R
Output Rise Time
30% to 70%
250
500
ps
t
F
Output Fall Time
30% to 70%
250
500
ps
odc
Output Duty Cycle
f
≤ 189.5MHz
40
60
%
For NOTES, please see above Table 4A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com