Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8304AMLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8304AMLF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8304AMLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8304AMLF Datasheet HTML 3Page - Integrated Device Technology 8304AMLF Datasheet HTML 4Page - Integrated Device Technology 8304AMLF Datasheet HTML 5Page - Integrated Device Technology 8304AMLF Datasheet HTML 6Page - Integrated Device Technology 8304AMLF Datasheet HTML 7Page - Integrated Device Technology 8304AMLF Datasheet HTML 8Page - Integrated Device Technology 8304AMLF Datasheet HTML 9Page - Integrated Device Technology 8304AMLF Datasheet HTML 10Page - Integrated Device Technology 8304AMLF Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LOW SKEW, 1-TO-4 LVCMOS/LVTTL
FANOUT BUFFER
8304 DATA SHEET
10
REVISION H 11/19/15
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
B
T4A
T4B
3
4
• Revised tp
LH
(Propagation Delay) row from 2.3 Min. to 2 Min.
• Deleted tp
HL
row.
• Revised tsk(o) (Output Skew) row from 35 Max. to 80 Max.
• Revised tsk(pp) (Part-to-Part Skew) row from 200 Max. to 500 Max.
• General note changed from “...measured at 166MHz...” to
“ ...measured at 150MHz...”
• Revised tp
LH
(Propagation Delay) row from 2.6 Min. to 2.3 Min.
• Deleted tp
HL
row.
• Revised tsk(o) (Output Skew) row from 35 Max. to 85 Max.
• Revised tsk(pp) (Part-to-Part Skew) row from 200 Max. to 500 Max.
• General note changed from “...measured at 166MHz...” to
“ ...measured at 150MHz...”
12/4/01
C
T4A
T4B
3
4
• In AC table, revised tsk(o) row from 80ps Max. to 45ps Max.
Added f = 133MHz in Test Conditions column.
• In odc row, deleted test conditions.
• In notes, changed 150MHz to f
MAX.
• In AC table, revised tsk(o) row from 80ps Max. to 60ps Max.
Added f = 133MHz in Test Conditions column.
• In odc row, deleted test conditions
• In notes, changed 150MHz to f
MAX.
12/11/01
C
T7
10
In the Ordering Information table, Marking column, revised marking to read
8304AM from 8304AM.
3/11/02
D
T3B
3
LVCMOS/LVTTL DC Characteristics Table, added I
OH
and I
OL
Test Conditions
to V
OH
and V
OL
rows.
4/4/02
E
T1
T2
T3A & T3C
T7
1
2
2
3 & 4
8
• Pin Assignment - adjusted dimensions.
• Pin Descriptions - changed V
DD
description to Core supply pin.
• Pin Characteristics - changed C
IN
max 4pF to typical 4pF.
Deleted R
PULLUP
row.
Added 5W min. and 12W max. to R
OUT
.
• Power Supply tables - changed V
DD
parameter from Power to Core.
• Ordering Information table - added “Lead Free/Annealed” marking.
Updated format throughout the data sheet.
4/13/04
F
T4A
T4B
1
4
4
Featues section, changed Maximum output frequency bullet from 166MHz to
200MHz.
3.3V AC Table - changed 166MHz max. to 200MHz max.
Added another line for Propagation Delay.
Changed test conditions in Output Duty Cycle from 166MHz to 189.5MHz.
3.3V AC Table - changed 166MHz max. to 189.5MHz max.
Added another line for Propagation Delay.
Changed test conditions in Output Duty Cycle from 166MHz to 189.5MH
6/1/04
F
T7
8
• Ordering Information table - added “Lead Free” marking.
9/13/04
G
T4A
1
4
5
7
Features Section - added Additive Phase Jitter bullet.
3.3V AC Characteristics Table - added Additive Phase Jitter row.
Added Additive Phase Jitter plot.
Added Recommendations for Unused Output Pins.
6/11/07
H
1
Pin Assignment - corrected “pullup” label to “pulldown” label.
10/29/10
H
T7
9
Ordering Information - removed leaded devices.
Updated data sheet format.
11/19/15
H
8304AMLN - Product Discontinuation Notice - Last time buy expires May 6,
2017.
PDN CQ-16-01
5/9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com