Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

831742I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831742I Datasheet(HTML) 2 Page - Integrated Device Technology

  831742I_17 Datasheet HTML 1Page - Integrated Device Technology 831742I_17 Datasheet HTML 2Page - Integrated Device Technology 831742I_17 Datasheet HTML 3Page - Integrated Device Technology 831742I_17 Datasheet HTML 4Page - Integrated Device Technology 831742I_17 Datasheet HTML 5Page - Integrated Device Technology 831742I_17 Datasheet HTML 6Page - Integrated Device Technology 831742I_17 Datasheet HTML 7Page - Integrated Device Technology 831742I_17 Datasheet HTML 8Page - Integrated Device Technology 831742I_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
©2017 Integrated Device Technology, Inc
August 17, 2017
831742I Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 9, 15
GND
Power
Power supply ground.
2
CLK0
Input
Pulldown
Non-inverting clock/data input.
3
nCLK0
Input
Pulldown/Pullup
Inverting differential clock/data input. VDD/2 default when left floating.
4, 12,
16, 21
VDD
Power
Positive power supply.
5
CLK1
Input
Pulldown
Non-inverting clock/data input.
6
nCLK1
Input
Pulldown/Pullup
Inverting differential clock/data input. VDD/2 default when left floating.
7
CLK2
Input
Pulldown
Non-inverting clock/data input.
8
nCLK2
Input
Pulldown/Pullup
Inverting differential clock/data input. VDD/2 default when left floating.
10
CLK3
Input
Pulldown
Non-inverting clock/data input.
11
nCLK3
Input
Pulldown/Pullup
Inverting differential clock/data input. VDD/2 default when left floating.
13
nOEA
Input
Pullup
Output enable for the QA output. See Table 3A for function.
LVCMOS/LVTTL interface levels.
14
nOEB
Input
Pullup
Output enable for the QB output. See Table 3B for function.
LVCMOS/LVTTL interface levels.
17, 18
QA, nQA
Output
Differential output pair. HCSL interface levels.
19, 20
QB, nQB
Output
Differential output pair. HCSL interface levels.
22, 24
SEL0, SEL1
Input
Pulldown
Differential clock/data Input select. See Table 3C for function.
LVCMOS/LVTTL interface levels.
23
IREF
Input
An external fixed precision resistor (475
) from this pin to ground provides a
reference current used for the differential current-mode QX, nQX outputs.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com