Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

831742I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831742I Datasheet(HTML) 1 Page - Integrated Device Technology

  831742I_17 Datasheet HTML 1Page - Integrated Device Technology 831742I_17 Datasheet HTML 2Page - Integrated Device Technology 831742I_17 Datasheet HTML 3Page - Integrated Device Technology 831742I_17 Datasheet HTML 4Page - Integrated Device Technology 831742I_17 Datasheet HTML 5Page - Integrated Device Technology 831742I_17 Datasheet HTML 6Page - Integrated Device Technology 831742I_17 Datasheet HTML 7Page - Integrated Device Technology 831742I_17 Datasheet HTML 8Page - Integrated Device Technology 831742I_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
©2017 Integrated Device Technology, Inc
August 17, 2017
Description
The 831742I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing and fanout of high-frequency clock and data signals.
The device has four differential, selectable clock/data inputs. The
selected input signal is distributed to two low-skew differential HCSL
outputs. Each input pair accepts HCSL, LVDS and LVPECL levels.
The 831742I is characterized to operate from a 3.3V power supply.
Guaranteed input, output-to-output and part-to-part skew
characteristics make the 831742I ideal for those clock and data
distribution applications demanding well-defined performance and
repeatability. The 831742I supports the clock multiplexing and
distribution of PCI Express (2.5Gb/s), Gen 2 (5Gb/s) and
Gen 3 (8Gb/s) clock signals.
Features
4:2 differential clock/data multiplexer with fanout
Four selectable, differential input pairs
Each differential input pair can accept the following levels: HCSL,
LVDS and LVPECL
Two differential HCSL output pairs
Maximum input/output clock frequency: 700MHz
Maximum input/output data rate: 1400Mb/s (NRZ)
LVCMOS interface levels for all control inputs
PCI Express (2.5Gb/s), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) clock
jitter compliant
Input skew: 110ps max
Part-to-part skew: 225ps max
Full 3.3V supply voltage
Available in lead-free (RoHS 6)
-40°C to 85°C ambient operating temperature
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
CLK0
nCLK0
VDD
CLK1
nCLK1
CLK2
nCLK2
GND
CLK3
nCLK3
VDD
SEL1
IREF
VDD
SEL0
QB
nQB
nQA
QA
VDD
GND
nOEB
nOEA
Block Diagram
QA
nQA
IREF
CLK0
nCLK0
CLK1
nCLK1
CLK3
nCLK3 Pullup/down
Pulldown
Pulldown
Pulldown
Pullup
Pullup
Pullup/down
Pulldown
Pullup/down
Pulldown
Pullup/down
Pulldown
0 0
0 1
1 0
1 1
nQ
Q
CLK
nCLK
nOEA
Pin Assignment
831742AGI
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm package body
G Package
Top View
831742I
Datasheet
4:2 Differential Clock/Data
Multiplexer


Similar Part No. - 831742I_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831742I RENESAS-831742I Datasheet
1Mb / 21P
4:2 Differential Clock/Data Multiplexer
July 30, 2021
More results

Similar Description - 831742I_17

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
3.3V 2:4 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
Differential Clock/Data Multiplexer
November 16, 2016
831742I RENESAS-831742I Datasheet
1Mb / 21P
4:2 Differential Clock/Data Multiplexer
July 30, 2021
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com