Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSD06 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 5 Page - ON Semiconductor

  FSSD06 Datasheet HTML 1Page - ON Semiconductor FSSD06 Datasheet HTML 2Page - ON Semiconductor FSSD06 Datasheet HTML 3Page - ON Semiconductor FSSD06 Datasheet HTML 4Page - ON Semiconductor FSSD06 Datasheet HTML 5Page - ON Semiconductor FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VDDH
Supply Voltage
-0.5
4.6
V
VDDC1,VDDC2
Supply Voltage
-0.5
4.6
V
VSW
(1)
Switch I/O Voltage
1DAT[3:0], 2DAT[3:0], 1CMD,
2CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
DAT[3:0], CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
VCNTRL
(1)
Control Input Voltage
S, /OE
-0.5
4.6
V
VCLKI
(1)
CLK Input Voltage
CLK
-0.5
4.6
V
VCLKO
(1)
CLK Output Voltage
1CLK, 2CLK
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
IINDC
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current
SDIO Continuous
50
mA
ISWPEAK
Peak Switch Current
SDIO Pulsed at 1ms Duration,
<10% Duty Cycle
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Max Junction Temperature
+150
C
TL
Lead Temperature
Soldering, 10 Seconds
+260C
C
ESD
Human Body Model
(JEDEC: JESD22-A114)
I/O to GND
8
kV
Supply to GND
9
All Other Pins
5
Charged Device Model (JEDEC: JESD22-C101)
2
kV
Notes:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2.
VDDx references the specific SDIO port VDD rail (i.e. VDDC1, VDDC2, VDDH).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Minimum
Maximum
Unit
VDDH
Supply Voltage - Host Side
1.65
3.6V
V
VDDC1, VDDC2
Supply Voltage - SDIO Cards
VDDH
3.6V
V
VCNTRL
Control Input Voltage - VS,V/OE
0
VDDH
V
VCLKI
Clock Input Voltage - VCLKI
0
VDDH
V
VSW
Switch I/O Voltage - CMD, DAT[3:0]
0
VDDH
V
Switch I/O Voltage - 1CMD, 1DAT[3:0]
0
VDDC1
V
Switch I/O Voltage - 2CMD, 2DAT[3:0]
0
VDDC2
V
°C
Operating Temperature
-40
+85
°C
JA
Thermal Resistance (free air), MLP24
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com