Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSD06 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor FSSD06 Datasheet HTML 10Page - ON Semiconductor FSSD06 Datasheet HTML 11Page - ON Semiconductor FSSD06 Datasheet HTML 12Page - ON Semiconductor FSSD06 Datasheet HTML 13Page - ON Semiconductor FSSD06 Datasheet HTML 14Page - ON Semiconductor FSSD06 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
10
Test Diagrams (Continued)
tRISE =2.5ns
GND
Vddx
90%
90%
10%
10%
t FALL=2.5ns
V ddx/2
Vddx/2
Input - VCLKI
Output - VCLKO
50%
50%
VOHC
VOLC
tpLH
tpHL
R
S and RT are function of application
environment (see AC Tables for specific values)
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VS
GND
Off -Isolation = 20 Log (V
OUT /VIN )
VIN
OUT
RT
GND
RT
GND
GND
GND
GND
RS
RS
-Isolation = 20 Log (V
OUT /VIN )
VIN
VIN
Figure 11.
CLK Propagation Delay Waveforms
Figure 12.
Channel Off Isolation
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are function of application environment
(see AC Tables for specific values)
VS
GND
NC
CROSSTALK = 20 Log (VOUT/VIN )
VIN
Figure 13.
Channel-to-Channel Crosstalk
VS = 0 orVddh
Capacitance
Meter
S
f =1MHz,Vbias =0V
nDAT[3:0], nCMD, nCLK
nDAT[3:0], nCMD, nCLK
VS = 0 or Vddh
Capacitance
Meter
S
f= 1MHz, Vbias =0V
nDAT[3:0], nCMD, nCLK
Figure 14.
Channel Off Capacitance
Figure 15.
Channel On Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com