Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSD06 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSSD06 Datasheet HTML 5Page - ON Semiconductor FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor FSSD06 Datasheet HTML 10Page - ON Semiconductor FSSD06 Datasheet HTML 11Page - ON Semiconductor FSSD06 Datasheet HTML 12Page - ON Semiconductor FSSD06 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
8
AC Electrical Characteristics at 2.7V VDDH
All typical values are for VDDH=2.7V at 25°C unless otherwise specified.
Symbol
Parameter
VDDC1 /
VDDC2 (V)
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
tON1
Turn-On Time
S, /OE to CMD, DAT[3:0]
2.7 to 3.6
VSW=0V, RL=1k
Ω, C
L=30pF
See Figure 7, Figure 8
8
17
ns
tOFF1
Turn-Off Time
S, /OE to CMD, DAT[3:0]
2.7 to 3.6
VSW=0V, RL=1k
Ω, C
L=30pF
See Figure 7, Figure 8
6
13
ns
tPD
Switch Propagation
Delay
(11)
2.7 to 3.6
See Figure 9
1
ns
tSKEW
Switch Skew
(12)
CMD, DAT[3:0]
2.7 to 3.6
RL=1k
Ω, C
L=30pF
1.5
ns
tON2
Turn-On Time
S, /OE to 1CLK, 2CLK
2.7 to 3.6
VSW=0V, RL=1k
Ω, C
L=30pF
See Figure 7, Figure 8
15
25
ns
tOFF2
Turn-Off Time
S, /OE to 1CLK, 2CLK
2.7 to 3.6
VSW=0V, RL=1k
Ω, C
L=30pF
See Figure 7, Figure 8
10
25
ns
tPDCLK
Clock Propagation Delay
2.7 to 3.6
RL=1k
Ω, C
L=30pF
See Figure 11
1.5
3.0
ns
OIRR
Off Isolation
(11)
2.7 to 3.6
f=10MHz, RT=50
Ω, C
L=30pF
See Figure 12
-60
dB
Xtalk
Non-Adjacent Channel
Crosstalk
(11)
2.7 to 3.6
f=10MHz, RT=50
Ω, C
L=30pF
See Figure 13
-60
dB
ftoggle
Clock Frequency
(11)
2.7 to 3.6
CL=30pF
120
MHz
Notes:
11. Guaranteed by characterization, not production tested.
12. Skew is determined by |TPLH - TPHL | for worst-case temperature and VDDX.
Capacitance
Symbol
Parameter
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
CIN (S, /OE, CLK)
Control and CLK Pin Input
Capacitance
VDDH=0V
2.5
pF
CON
Common Port On Capacitance
(CDAT[3:0], CMD)
VDDH=1.8V,VDDC1=VDDC2=2.7V,
V/OE=0V, Vbias=0V, f=1MHz
See Figure 15
9.0
COFF
Input Source Off Capacitance
VDDH=1.8V,VDDC1=VDDLH2=2.7V,
V/OE=3.3V, Vbias=0V, f=1MHz
See Figure 14
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com