Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVT
Description  Configurable Multiple-Function Gate
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DBVT Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G97DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
SN74LVC1G97
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: SN74LVC1G97
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6.5
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 V
–50
mA
IOK
Output clamp current
VO < 0 V
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101\(2)
±1000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
6.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
Data retention only
1.5
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65 V
–4
mA
VCC = 2.3 V
–8
VCC = 3 V
–16
–24
VCC = 4.5 V
–32
IOL
Low-level output current
VCC = 1.65 V
4
mA
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
TA
Operating free-air temperature
BGA package
–40
85
°C
All other packages
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com