Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVT
Description  Configurable Multiple-Function Gate
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G97DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
3
1
6
In2
In1
In0
4
Y
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G97
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
SN74LVC1G97 Configurable Multiple-Function Gate
1
1 Features
1
•
ESD Protection Exceeds JESD 22
–
2000-V Human Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
•
Available in the Texas Instruments
NanoFree™ Package
•
Supports 5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Supports Down Translation to VCC
•
Max tpd of 6.3 ns at 3.3 V
•
Low Power Consumption, 10-µA Max ICC
•
±24-mA Output Drive at 3.3 V
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Choose From Nine Specific Logic Functions
2 Applications
•
Barcode Scanners
•
Cable Solutions
•
E-Books
•
Embedded PCs
•
Field Transmitter: Temperature or Pressure
Sensors
•
Fingerprint Biometrics
•
HVAC: Heating, Ventilating, and Air Conditioning
•
Network-Attached Storage (NAS)
•
Server Motherboards and PSUs
•
Software Defined Radios (SDR)
•
TVs: High Definition (HDTV), LCD, and Digital
•
Video Communications Systems
•
Wireless Data Access Cards, Headsets,
Keyboard, Mouse, and LAN Cards
3 Description
The SN74LVC1G97 device features configurable
multiple functions. The output state is determined by
eight patterns of 3-bit input. The user can choose the
logic
functions
MUX,
AND,
OR,
NAND,
NOR,
inverter, and noninverter. All inputs can be connected
to VCC or GND.
This configurable multiple-function gate is designed
for 1.65-V to 5.5-V VCC operation.
This device functions as an independent gate, but
because of Schmitt action, it may have different input
threshold levels for positive-going (VT+) and negative-
going (VT–) signals.
NanoFree package technology is a major break-
through in IC packaging concepts, using the die as
the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G97DBV
SOT-23 (6)
2.90 mm × 1.60 mm
SN74LVC1G97DCK
SC70 (6)
2.00 mm × 1.25 mm
SN74LVC1G97DRL
SOT (6)
1.60 mm × 1.20 mm
SN74LVC1G97DRY
1.45 mm × 1.00 mm
SN74LVC1G97DSF
1.00 mm × 1.00 mm
SN74LVC1G97YZP
DSBGA (6)
1.41 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1G97DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97DBVT TI-SN74LVC1G97DBVT Datasheet
516Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97DBVT TI-SN74LVC1G97DBVT Datasheet
755Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97DBVT TI1-SN74LVC1G97DBVT Datasheet
1Mb / 33P
Configurable Multiple-Function Gate
SN74LVC1G97DBVT TI2-SN74LVC1G97DBVT Datasheet
1Mb / 40P
SN74LVC1G97 Configurable Multiple-Function Gate
REVISED JANUARY 2017
SN74LVC1G97DBVT.B TI2-SN74LVC1G97DBVT.B Datasheet
1Mb / 40P
SN74LVC1G97 Configurable Multiple-Function Gate
REVISED JANUARY 2017
More results

Similar Description - SN74LVC1G97DBVT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com