Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVT
Description  Configurable Multiple-Function Gate
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G97DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
26.5
21.5
26
22
25.5
25
24.5
24
23.5
23
22.5
0
1
2
3
4
5
6
Power Supply Voltage (V)
6
SN74LVC1G97
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: SN74LVC1G97
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C TO 85°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Any In
Y
3.2
14.4
2
8.3
1.5
6.3
1.1
5.1
ns
6.7 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C TO 125°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Any In
Y
3.2
16.4
2
9.3
1.5
7.3
1.1
6.1
ns
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
22
23
23
26
pF
6.9 Typical Characteristics
Figure 1. Power Dissipation Capacitance vs Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com