Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB252 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 2Page - ON Semiconductor FUSB252 Datasheet HTML 3Page - ON Semiconductor FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor FUSB252 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VVDD
Supply Voltage from VDD
-0.5
12.0
V
VVICC
VICCx, to GND
-0.5
24
V
VSW
VHSD±, to GND
-5
16
V
VOCC, VSW VOCCx VHSDx+/- to GND
-0.5
6
V
VCONTROL
DC Input Voltage (S, /OE)
-0.5
VVDD
V
ICCSW
DC CC Switch Current
1.25
A
IUSBSW
DC Output Current
100
mA
IIK
DC Input Diode Current
-50
mA
TSTORAGE
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+260
C
ESD
IEC 61000-4-2 System ESD
Connector Pins
(VVDD, VICCx, VHSD±,)
Air Gap
15
kV
Contact
8
IEC 61000-4-5 Surge ESD
VICCx to GND
-24
24
V
VHSD± to GND
-16
16
V
Human Body Model, JEDEC JESD22-A114
Power to GND
4
kV
External Pins to GND
(VHSD±, VICCx)
System Side Pin
(VHSDx±, VOCCx, S, /OE,
FLAGB)
2
Charged Device Model, JEDEC LESD22-C101
All Pins
1
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance. ON does not recommend exceeding them or
designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VVDD
Supply Voltage
2.7
4.2
5.5
V
VICC
Type C Input Voltage
0
5.5
V
VOCC
Type C Output Voltage
0
5.5
V
ICCSW
Maximum CC Switch Current
1
A
VCNTRL
Control Input Voltage (SEL, /OE)
-0.5
VVDD
V
VSW
HSD/USB Switch I/O Voltage
-0.5
4.5
V
TA
Operating Temperature
-40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com