Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB252 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 10Page - ON Semiconductor FUSB252 Datasheet HTML 11Page - ON Semiconductor FUSB252 Datasheet HTML 12Page - ON Semiconductor FUSB252 Datasheet HTML 13Page - ON Semiconductor FUSB252 Datasheet HTML 14Page - ON Semiconductor FUSB252 Datasheet HTML 15Page - ON Semiconductor FUSB252 Datasheet HTML 16Page - ON Semiconductor FUSB252 Datasheet HTML 17Page - ON Semiconductor FUSB252 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
14
Physical Dimensions
Figure 21.
16 Lead, UMLP, 0.55 mm x 1.8 mm x 2.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com