Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB252 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor FUSB252 Datasheet HTML 10Page - ON Semiconductor FUSB252 Datasheet HTML 11Page - ON Semiconductor FUSB252 Datasheet HTML 12Page - ON Semiconductor FUSB252 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
8
Operation and Application Description
Out of Spec Surge/Spike Voltage due to Hot
Plug
The FUSB252 protects end systems against 20 V DC
on the CC pin, in cases where the FUSB252 is tested to
mimic a hot plug event, a fully charged cable connected
to a power supply set to 20 V is used to zap the VICC
pins of the device. In these cases, the inductance of the
cable causes voltage spikes that are higher than the
absolute maximum ratings of the of the VICC pins.
These voltages can cause damage to the VOCC pins.
This scenario does not occur in normal usage. The
Type-C specification prevents the plug from having 20V
on VBUS from a PD source prior to a PD contract being
completed. When the 20 V potential is on VBUS and
shorted to the CC pin, it causes a detach and the
voltage spikes are less likely to occur. The following
reference circuit is required when the application calls
for additional protection to protect against such event as
hot plug.
Application Specific Schematic
§ Place a 5 V to 6 V rated Zener TVS diode such as
(CZRF52C5V6 or CD1005-Z5V1) on the VOCC pin,
and a 5 W resistor to device ground to prevent the
FUSB252 from being damaged during these tests.
With this additional protection if is also important to
select the right external VICC IEC TVS for the best
overall performance.
§ Without the additional protection the device by itself
can withstand up to 9 V under the same hot plug
condition
VICC1
VICC2
INTB/FLAGB
VDD
GND
VOCC1
VOCC2
/OE
SEL
HSD+
HSD-
HSD1-
HSD1+
HSD2-
HSD2+
FUSB252
CC1
D1+
D1-
D2+
D2-
CC2
/OE
SEL
FLAGB
VDD
5Ω
5.6VZener
IECTVS
IECTVS
Figure 6.
Reference Schematic
Over-Voltage Protection
When over-voltage event is detected, device will
activate OVP to shutdown the switch within tOVP, as well
as signal the FLAGB to indicate there is OV event to the
system.
Fault Reporting
Upon the detection of an over-voltage event, the
INTB/FLAGB signals the fault by activating LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com