Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 42Page - Analog Devices AD9528BCPZ Datasheet HTML 43Page - Analog Devices AD9528BCPZ Datasheet HTML 44Page - Analog Devices AD9528BCPZ Datasheet HTML 45Page - Analog Devices AD9528BCPZ Datasheet HTML 46Page - Analog Devices AD9528BCPZ Datasheet HTML 47Page - Analog Devices AD9528BCPZ Datasheet HTML 48Page - Analog Devices AD9528BCPZ Datasheet HTML 49Page - Analog Devices AD9528BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 46 of 67
POWER DISSIPATION AND THERMAL CONSIDERATIONS
The AD9528 is a multifunctional, high speed device that targets
a wide variety of clock applications. The numerous innovative
features contained in the device each consume incremental
power. If all outputs are enabled in the maximum frequency and
mode that have the highest power, the safe thermal operating
conditions of the device may be exceeded. Careful analysis and
consideration of power dissipation and thermal management
are critical elements in the successful application of the
AD9528.
The AD9528 is specified to operate within the industrial
temperature range of –40°C to +85°C. This specification is
conditional, such that the absolute maximum junction
temperature is not exceeded (as specified in Table 19). At high
operating temperatures, extreme care must be taken when
operating the device to avoid exceeding the junction
temperature and potentially damaging the device.
Many variables contribute to the operating junction
temperature within the device, including
•
Selected driver mode of operation
•
Output clock speed
•
Supply voltage
•
Ambient temperature
The combination of these variables determines the junction
temperature within the AD9528 for a given set of operating
conditions.
The AD9528 is specified for an ambient temperature (TA). To
ensure that TA is not exceeded, use an airflow source.
Use the following equation to determine the junction
temperature on the application PCB:
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured at the top center of
the package.
ΨJT is the value from Table 20.
PD is the power dissipation of the AD9528.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first order
approximation of TJ by the equation
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of ΨJB are provided for package comparison and PCB
design considerations.
CLOCK SPEED AND DRIVER MODE
Clock speed directly and linearly influences the total power
dissipation of the device and, therefore, the junction temperature.
Two operating frequencies are listed under the incremental power
dissipation parameter in Table 3. Using linear interpretation is a
sufficient approximation for frequency not listed in the table.
When calculating power dissipation for thermal consideration,
remove the amount of power dissipated in the 100 Ω resistor. If
using the data in Table 3, this power is already removed. If using
the current vs. frequency graphs provided in the Typical
Performance Characteristics section, the power into the load
must be subtracted, using the following equation:
PLOAD = Differential Output Voltage Swing2/100 Ω
EVALUATION OF OPERATING CONDITIONS
The first step in evaluating the operating conditions is to
determine the maximum power consumption (PD) internal to
the AD9528. The maximum PD excludes power dissipated in
the load resistors of the drivers because such power is external
to the device. Use the power dissipation specifications listed in
Table 3 to calculate the total power dissipated for the desired
configuration.
Table 34 and Table 35 summarize the incremental power
dissipation from the base power configuration for two different
examples.
Table 34. Temperature Gradient Examples, Example 1
Description
Mode
Frequency
(MHz)
Maximum
Power (mW)
Base Typical
Configuration
N/A1
N/A1
590
Output Driver
6 × HSTL
122.88
480
Output Driver
3 × LVDS
122.88
210
Output Driver
1 × LVDS
409.6
78
Total Power
1358
1 N/A means not applicable.
Table 35. Temperature Gradient Examples, Example 2
Description
Mode
Frequency
(MHz)
Maximum
Power (mW)
Base Typical
Configuration
N/A1
N/A1
590
Output Driver
13 × HSTL
122.88
1040
Total Power
1630
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com