Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 58Page - Analog Devices AD9528BCPZ Datasheet HTML 59Page - Analog Devices AD9528BCPZ Datasheet HTML 60Page - Analog Devices AD9528BCPZ Datasheet HTML 61Page - Analog Devices AD9528BCPZ Datasheet HTML 62Page - Analog Devices AD9528BCPZ Datasheet HTML 63Page - Analog Devices AD9528BCPZ Datasheet HTML 64Page - Analog Devices AD9528BCPZ Datasheet HTML 65Page - Analog Devices AD9528BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 62 of 67
Table 62. SYSREF Control
Address
Bits
Bit Name
Description
0x0402
7
SYSREF request method
SYSREF request method
0 = SPI controlled
1 = Pin controlled
[6:5]
SYSREF pattern generator trigger
control, Bits[1:0]
SYSREF pattern generator trigger control
0x: level sensitive, active high
10: edge sensitive, rising edge
11: edge sensitive, falling edge
4
SYSREF pattern generator clock
source
0 = PLL2 feedback divider
1 = PLL1 out
3
Resample clock source for external
SYSREF
0 = device clock
1 = PLL1 out
[2:1]
SYSREF test mode, Bits[1:0]
SYSREF test mode
00 = GND
01 = VDD
1x = counter output clock
0
SYSREF reset
SYSREF reset
0x0403
[7:6]
SYSREF source, Bits[1:0]
SYSREF source
00 = external
01 = external resampled
10 = internal
[5:4]
SYSREF pattern generator mode,
Bits[1:0]
Pattern mode
00 = N-shot
01 = continuous
10 = PRBS
11 = stop
[3:1]
N-shot mode, Bits[1:0]
N-shot mode
001 = 1 pulse
010 = 2 pulses
011 = 4 pulses
100 = 6 pulses
101 = 8 pulses
Others = 1 pulse
0
SPI SYSREF request
SPI SYSREF request
In N-shot mode, the SYSREF pattern starts at the transition of this bit from 0 to 1 and bit
automatically clears after the pattern completes
In continuous or PRBS mode, SYSREF pattern starts at the transition of this bit from 0 to
1 and the bit stays set to 1 until user clears the bit; when the user clears the bit, the
SYSREF pattern stops
Table 63. SYSREF_IN Receiver Control
Address
Bits
Bit Name
Description
0x0404
[7:3]
Reserved
Reserved.
2
SYSREF IN receiver power-down
Enables control over power-down of the SYSREF input receivers.
1 = power-down control enabled (default).
0 = both receivers enabled.
1
Single-ended source negative
input (CMOS mode)
Selects which single-ended input pin is enabled when in the SYSREF single-ended
receiver mode (Register 0x0404, Bit 0 = 0).
1 = negative receiver from SYSREF input (SYSREF_IN pin) selected.
0 = positive receiver from SYSREF input (SYSREF_IN pin) selected (default).
0
SYSREF differential receiver
enable
1 = differential receiver mode, single-ended receivers disabled.
0 = single-ended receiver mode (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com