Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 44Page - Analog Devices AD9528BCPZ Datasheet HTML 45Page - Analog Devices AD9528BCPZ Datasheet HTML 46Page - Analog Devices AD9528BCPZ Datasheet HTML 47Page - Analog Devices AD9528BCPZ Datasheet HTML 48Page - Analog Devices AD9528BCPZ Datasheet HTML 49Page - Analog Devices AD9528BCPZ Datasheet HTML 50Page - Analog Devices AD9528BCPZ Datasheet HTML 51Page - Analog Devices AD9528BCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 48 of 67
CONTROL REGISTER MAP
Table 36. Register Summary
Addr
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Serial Port Configuration
0x0000
SPI Configuration A
Soft reset1
LSB first
(SPI only)2
Address
ascension
(SPI only)3
SDO active
(SPI only)4
SDO active
(SPI only)4
Address
ascension
(SPI only)3
LSB first
(SPI only)2
Soft reset1
0x00
0x0001
SPI Configuration B
Reserved
Read buffer
register
Reserved
Reset sans
regmap
Reserved
0x00
0x0002
Reserved
Reserved
0x00
Clock Part Family ID
0x0003
Chip type
Reserved
Chip type, Bits[3:0]
0x05
0x0004
Product ID
Clock part serial ID, Bits[3:0]
Reserved
0xFF
0x0005
Clock part serial ID, Bits[11:4]
0x00
0x0006
Revision
Part versions, Bits[7:0]
0x03
0x0007
Reserved
Reserved
0x00
0x0008
Reserved
Reserved
0x00
0x0009
Reserved
Reserved
0x00
0x000A
Reserved
Reserved
0x00
0x000B
SPI version
SPI version, Bits[7:0]
0x00
0x000C
Vendor ID
Vendor ID, Bits[7:0]
0x56
0x000D
Vendor ID, Bits[15:8]
0x04
0x000E
Reserved
Reserved
0x00
0x000F
IO_UPDATE
Reserved
IO_UPDATE
0x00
PLL1 Control
0x0100
PLL1 REFA (RA) divider
10-bit REFA (RA) divider, Bits[7:0]
0x00
0x0101
Reserved
10-bit REFA (RA) divider,
Bits[9:8]
0x00
0x0102
PLL1 REFB (RB) divider
10-bit REFB (RB) divider, Bits[7:0]
0x00
0x0103
Reserved
10-bit REFB (RB) divider,
Bits[9:8]
0x00
0x0104
PLL1 feedback divider
(N1)
10-bit N1 divider [7:0]
0x00
0x0105
Reserved
10 bit N1 divider, Bits[9:8]
0x00
0x0106
PLL1 charge pump
control
Force holdover
PLL1 charge pump current (μA), Bits[6:0]
0x0C
0x0107
Reserved
Disable
holdover
Reserved
Charge pump mode, Bits[1:0] 0x00
0x0108
PLL1 input receiver
control
Frequency
detector
power-down
enable
REFB
differential
receiver
enable
REFA
differential
receiver
enable
REFB input
receiver
enable
REFA input
receiver
enable
VCXO receiver
power-down
enable
VCXO single-
ended
negative pin
enable CMOS
mode
VCXO
differential
receiver
enable
0x00
0x0109
Reserved
N1 feedback
divider reset
REFB divider
(RB) reset
REFA divider
(RA) reset
PLL1 feedback
divider source
REFB single-
ended
negative pin
enable (CMOS
mode)
REFA single-
ended
negative pin
enable (CMOS
mode)
0x00
0x010A
Reserved
Holdover
mode
Reference selection mode, Bits[2:0]
0x00
0x010B
PLL1 fast lock
Fast lock
enable
Fast lock charge pump current (μA), Bits[6:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com