Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9552BCPZ Datasheet HTML 3Page - Analog Devices AD9552BCPZ Datasheet HTML 4Page - Analog Devices AD9552BCPZ Datasheet HTML 5Page - Analog Devices AD9552BCPZ Datasheet HTML 6Page - Analog Devices AD9552BCPZ Datasheet HTML 7Page - Analog Devices AD9552BCPZ Datasheet HTML 8Page - Analog Devices AD9552BCPZ Datasheet HTML 9Page - Analog Devices AD9552BCPZ Datasheet HTML 10Page - Analog Devices AD9552BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD9552
Rev. E | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage (VDD)
3.6 V
Maximum Digital Input Voltage
−0.5 V to VDD + 0.5 V
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com