Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9552BCPZ Datasheet HTML 1Page - Analog Devices AD9552BCPZ Datasheet HTML 2Page - Analog Devices AD9552BCPZ Datasheet HTML 3Page - Analog Devices AD9552BCPZ Datasheet HTML 4Page - Analog Devices AD9552BCPZ Datasheet HTML 5Page - Analog Devices AD9552BCPZ Datasheet HTML 6Page - Analog Devices AD9552BCPZ Datasheet HTML 7Page - Analog Devices AD9552BCPZ Datasheet HTML 8Page - Analog Devices AD9552BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Oscillator Frequency Upconverter
Data Sheet
AD9552
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Converts a low frequency input reference signal to a high
frequency output signal
Input frequencies from 6.6 MHz to 112.5 MHz
Output frequencies up to 900 MHz
Preset pin programmable frequency translation ratios
Arbitrary frequency translation ratios via SPI port
On-chip VCO
Accepts a crystal resonator and/or an external oscillator
as a reference frequency source
Secondary output (either integer-related to the primary
output or a copy of the reference input)
RMS jitter: <0.5 ps
SPI-compatible, 3-wire programming interface
Single supply (3.3 V)
Very low power: <400 mW (under most conditions)
Small package size (5 mm × 5 mm)
APPLICATIONS
Cost effective replacement of high frequency VCXO, OCXO,
and SAW resonators
Extremely flexible frequency translation with low jitter for
SONET/SDH (including FEC), 10 Gb Ethernet, Fibre
Channel, and DRFI/DOCSIS
High-definition video frequency translation
Wireless infrastructure
Test and measurement (including handheld devices)
GENERAL DESCRIPTION
The AD9552 is a fractional-N phase locked loop (PLL) based
clock generator designed specifically to replace high frequency
crystal oscillators and resonators. The device employs a sigma-
delta (Σ-Δ) modulator (SDM) to accommodate fractional
frequency synthesis. The user supplies an input reference signal
by connecting a single-ended clock signal directly to the REF
pin or by connecting a crystal resonator across the XTAL pins.
The AD9552 is pin programmable, providing one of 64 standard
output frequencies based on one of eight common input
frequencies. The device also has a 3-wire SPI interface, enabling
the user to program custom input-to-output frequency ratios.
The AD9552 relies on an external capacitor to complete the loop
filter of the PLL. The output is compatible with LVPECL, LVDS,
or single-ended CMOS logic levels, although the AD9552 is
implemented in a strictly CMOS process.
The AD9552 is specified to operate over the extended industrial
temperature range of −40°C to +85°C.
BASIC BLOCK DIAGRAM
PLL
OUTPUT
CIRCUITRY
INPUT
FREQUENCY
SOURCE
SELECTOR
REF
XTAL
OUT2
OUT1
PIN-DEFINED AND SERIAL PROGRAMMING
AD9552
Figure 1.


Similar Part No. - AD9552BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9552BCPZ AD-AD9552BCPZ Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
AD9552BCPZ-REEL7 AD-AD9552BCPZ-REEL7 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
More results

Similar Description - AD9552BCPZ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
Digital UpConverter
1999 01
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC2799 NEC-UPC2799 Datasheet
41Kb / 2P
SIMMIC 50-860 MHz FREQUENCY UPCONVERTER
logo
Analog Devices
AD9552 AD-AD9552 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM_15 Datasheet
919Kb / 23P
Ku-Band Upconverter
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
K Band Upconverter
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
Fixed Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com