Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9552BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9552BCPZ Datasheet HTML 23Page - Analog Devices AD9552BCPZ Datasheet HTML 24Page - Analog Devices AD9552BCPZ Datasheet HTML 25Page - Analog Devices AD9552BCPZ Datasheet HTML 26Page - Analog Devices AD9552BCPZ Datasheet HTML 27Page - Analog Devices AD9552BCPZ Datasheet HTML 28Page - Analog Devices AD9552BCPZ Datasheet HTML 29Page - Analog Devices AD9552BCPZ Datasheet HTML 30Page - Analog Devices AD9552BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD9552
Rev. E | Page 27 of 32
Address
Bit
Bit Name
Description
0x18
[7:3]
P
1 divider
Bits[4:0] of the 6-bit P
1 divider for OUT1 (1 ≤ P1 ≤ 63). Do not set these bits to 000000. Default is
P
1 = 10 0000 (32). The P1 bits are ineffective unless Register 0x19[7] = 1.
[2:0]
P
0 divider
The 3-bit P
0 divider for OUT1. The P0 divide value is as follows:
000 = 4 (default).
001 = 5.
010 = 6.
011 = 7.
100 = 8.
101 = 9.
110 = 10.
111 = 11.
The P
0 bits are ineffective unless Register 0x19[7] = 1.
0x19
7
Enable SPI control of
OUT1 dividers
Controls functionality of OUT1 dividers.
0 = OUT1 dividers defined by the Y[5:0] pins (default).
1 = contents of Register 0x17 and Register 0x18 define OUT1 dividers (P
0 and P1).
[6:0]
Unused
Unused.
Input Receiver and Band Gap Control (Register 0x1A)
Table 22.
Address
Bit
Bit Name
Description
0x1A
7
Receiver reset
Input receiver reset control. This is an autoclearing bit.
0 = normal operation (default).
1 = reset input receiver logic.
[6:2]
Band gap voltage adjust
Controls the band gap voltage setting from minimum (0 0000) to maximum (1 1111).
Default is 0 0000.
1
Unused
Unused.
0
Enable SPI control of band gap
voltage
Enables functionality of Bits[6:2].
0 = the device automatically selects receiver band gap voltage (default).
1 = Bits[6:2] define the receiver band gap voltage.
XTAL Control (Register 0x1B to Register 0x1D)
Table 23.
Address
Bit
Bit Name
Description
0x1B
7
Disable SPI control of XTAL
tuning capacitance
Disables functionality of Bits[5:0].
0 = tuning capacitance defined by Bits[5:0].
1 = the device automatically selects XTAL tuning capacitance (default).
6
Unused
Unused.
[5:0]
XTAL tuning capacitor control
Capacitance value coded as inverted binary (0.25 pF per bit); that is, 111111 is 0 pF,
111110 is 0.25 pF, and so on. The default value, 000000, is 15.75 pF.
0x1C
[7:0]
Unused
Unused.
0x1D
[7:3]
Unused
Unused.
2
Select 2× frequency multiplier
Select/bypass the 2× frequency multiplier.
0 = bypassed (default).
1 = selected.
1
Unused
Unused.
0
Use crystal resonator
Automatic external reference select override.
0 = the device automatically selects the external reference path if an external
reference signal is present (default).
1 = the device uses the crystal resonator input whether or not an external reference
signal is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com