Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 5 Page - Analog Devices

  AD9577 Datasheet HTML 1Page - Analog Devices AD9577 Datasheet HTML 2Page - Analog Devices AD9577 Datasheet HTML 3Page - Analog Devices AD9577 Datasheet HTML 4Page - Analog Devices AD9577 Datasheet HTML 5Page - Analog Devices AD9577 Datasheet HTML 6Page - Analog Devices AD9577 Datasheet HTML 7Page - Analog Devices AD9577 Datasheet HTML 8Page - Analog Devices AD9577 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 5 of 44
PLL1 CLOCK OUTPUT JITTER
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
LVPECL INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used
RMS Jitter (625 MHz Output)
460
750
fs rms
12 kHz to 20 MHz, Na = 100, Vx = 2, Dx = 2
430
650
fs rms
50 kHz to 80 MHz, Na = 100, Vx = 2, Dx = 2
RMS Jitter (156.25 MHz Output)
460
750
fs rms
12 kHz to 20 MHz, Na = 100, Vx = 4, Dx = 4
RMS Jitter (106.25 MHz Output)
460
750
fs rms
12 kHz to 20 MHz, Na = 102, Vx = 4, Dx = 6
LVDS INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used
RMS Jitter (625 MHz Output)
470
820
fs rms
12 kHz to 20 MHz, Na = 100, Vx = 2, Dx = 2
450
790
fs rms
50 kHz to 80 MHz, Na = 100, Vx = 2, Dx = 2
RMS Jitter (156.25 MHz Output)
470
790
fs rms
12 kHz to 20 MHz, Na = 100, Vx = 4, Dx = 4
RMS Jitter (106.25 MHz Output)
470
790
fs rms
12 kHz to 20 MHz, Na = 102, Vx = 4, Dx = 6
CMOS INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used, 50 Ω load
RMS Jitter (100 MHz Output)
470
920
fS rms
12 kHz to 20 MHz, Na = 96, Vx = 4, Dx = 6
RMS Jitter (33.3 MHz Output)
420
700
fS rms
12 kHz to 5 MHz, Na = 88, Vx = 6, Dx = 11
LVPECL INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used
RMS Jitter (622.08 MHz Output)
500
680
fs rms
12 kHz to 20 MHz, Na = 128, Vx = 2, Dx = 2
460
590
fs rms
50 kHz to 80 MHz, Na = 128, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
480
680
fs rms
12 kHz to 20 MHz, Na = 112, Vx = 2, Dx = 7
LVDS INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used
RMS Jitter (622.08 MHz Output)
520
780
fs rms
12 kHz to 20 MHz, Na = 128, Vx = 2, Dx = 2
480
710
fs rms
50 kHz to 80 MHz, Na = 128, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
480
750
fs rms
12 kHz to 20 MHz, Na = 112, Vx = 2, Dx = 7
CMOS INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used, 50 Ω load
RMS Jitter (155.52 MHz Output)
470
700
fs rms
12 kHz to 20 MHz, Na = 112, Vx = 2, Dx = 7
RMS Jitter (38.88 MHz Output)
440
650
fs rms
12 kHz to 5 MHz, Na = 112, Vx = 2, Dx = 28
LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, Na = 96, Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
13
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
19
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
3
ps rms
1,000 cycles, average of 25 measurements
LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, Na = 96, Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
17
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
25
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
4
ps rms
1,000 cycles, average of 25 measurements
CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100 MHz OUTPUT)
25 MHz crystal used, 50 Ω load, Na = 96,
Vx = 4, Dx = 6
Output Peak-to-Peak Period Jitter
25
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
3
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak Cycle-to-Cycle Jitter
36
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
6
ps rms
1,000 cycles, average of 25 measurements
1 All period and cycle-to-cycle jitter measurements are made with a Tektronix DPO70604 oscilloscope.
2 x indicates either 0 or 1 for any given test condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com