Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9577 Datasheet HTML 10Page - Analog Devices AD9577 Datasheet HTML 11Page - Analog Devices AD9577 Datasheet HTML 12Page - Analog Devices AD9577 Datasheet HTML 13Page - Analog Devices AD9577 Datasheet HTML 14Page - Analog Devices AD9577 Datasheet HTML 15Page - Analog Devices AD9577 Datasheet HTML 16Page - Analog Devices AD9577 Datasheet HTML 17Page - Analog Devices AD9577 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 14 of 44
POWER
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
3.0
3.3
3.6
V
LVPECL POWER DISSIPATION
1235
1490
mW
Typical part configuration, both PLLs enabled for integer-N operation,
fOUT0 = 156.25 MHz, fOUT1 = 125 MHz, fOUT2 = 100 MHz, fOUT3 = 33.33 MHz,
Na = 100, V0 = 4, D0 = 4, V1 = 4, D1 = 5, Nb = 96, V2 = 4, D2 = 6, V3 = 4,
D3 = 18, 25 MHz crystal used, load is 200 Ω to GND at output pins, then
ac-coupled to 50 Ω terminated measurement equipment
1270
1530
mW
Worst-case part configuration, PLL2 in fractional-N mode, with SSCG
enabled, fOUT0 = 379.16 MHz, fOUT1 = 379.16 MHz, fOUT2 = 359.33 MHz,
fOUT3 = 359.33 MHz, Na = 91, V0 = 3, D0 = 2, V1 = 3, D1 = 2, Nb = 86,
V2 = 3, D2 = 2, V3 = 3, D3 = 2, FRAC = 300, MOD = 1250, CkDiv = 5,
NumSteps = 77, FracStep = −7, −0.5% downspread at 32 kHz,
25 MHz crystal used, load is 200 Ω to GND at output pins, then
ac-coupled to 50 Ω terminated measurement equipment
LVDS POWER DISSIPATION
1020
1200
mW
Typical part configuration, both PLLs enabled for integer-N operation,
fOUT0 = 156.25 MHz, fOUT1 = 125 MHz, fOUT2 = 100 MHz, fOUT3 = 33.33 MHz,
Na = 100, V0 = 4, D0 = 4, V1 = 4, D1 = 5, Nb = 96, V2 = 4, D2 = 6, V3 = 4,
D3 = 18, 25 MHz crystal used, load ac-coupled to measurement
equipment that provides 100 Ω differential input termination
1085
1290
mW
Worst-case part configuration, PLL2 in fractional-N mode, with SSCG
enabled, fOUT0 = 379.16 MHz, fOUT1 = 379.16 MHz, fOUT2 = 359.33 MHz,
fOUT3 = 359.33 MHz, Na = 91, V0 = 3, D0 = 2, V1 = 3, D1 = 2, Nb = 86,
V2 = 3, D2 = 2, V3 = 3, D3 = 2, FRAC = 300, MOD = 1250, CkDiv = 5,
NumSteps = 77, FracStep = −7, −0.5% downspread at 32 kHz,
25 MHz crystal used, load ac-coupled to measurement equipment
that provides 100 Ω differential input termination
CMOS POWER DISSIPATION
1065
1380
mW
Typical part configuration, both PLLs enabled for integer-N operation,
fOUT0 = 156.25 MHz, fOUT1 = 125 MHz, fOUT2 = 100 MHz, fOUT3 = 33.33 MHz,
Na = 100, V0 = 4, D0 = 4, V1 = 4, D1 = 5, Nb = 96, V2 = 4, D2 = 6, V3 = 4,
D3 = 18, 25 MHz crystal used, eight single-ended outputs active,
CLOAD = 5 pF
1190
1510
mW
Worst-case part configuration, PLL2 in fractional-N mode, with SSCG
enabled, fOUT0 = 189.58 MHz, fOUT1 = 189.58 MHz, fOUT2 = 179.66 MHz,
fOUT3 = 179.66 MHz, Na = 91, V0 = 3, D0 = 4, V1 = 3, D1 = 4, Nb = 86,
V2 = 3, D2 = 4, V3 = 3, D3 = 4, FRAC = 300, MOD = 1250, CkDiv = 5,
NumSteps = 77, FracStep = −7, −0.5% downspread at 32 kHz,
25 MHz crystal used, eight single-ended outputs active, CLOAD = 5 pF
POWER CHANGES
Reduction in power due to turning off a channel of one VCO divider,
one output divider, and one output buffer; data for Channel 1, with
typical part configuration, both PLLs enabled for integer-N operation,
fOUT0 = 156.25 MHz, fOUT1 = 125 MHz, fOUT2 = 100 MHz, fOUT3 = 33.33 MHz,
Na = 100, V0 = 4, D0 = 4, V1 = 4, D1 = 5, Nb = 96, V2 = 4, D2 = 6, V3 = 4,
D3 = 18, 25 MHz crystal used
Power-Down 1 LVPECL Channel
160
205
mW
Load 200 Ω to GND at output pins, and ac-coupled to 50 Ω terminated
measurement equipment
Power-Down 1 LVDS Channel
105
155
mW
Load ac-coupled to measurement equipment that provides 100 Ω
differential input termination
Power-Down 1 CMOS Channel
130
170
mW
Eight single-ended outputs active, CLOAD = 5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com