Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9577
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9577 Datasheet HTML 24Page - Analog Devices AD9577 Datasheet HTML 25Page - Analog Devices AD9577 Datasheet HTML 26Page - Analog Devices AD9577 Datasheet HTML 27Page - Analog Devices AD9577 Datasheet HTML 28Page - Analog Devices AD9577 Datasheet HTML 29Page - Analog Devices AD9577 Datasheet HTML 30Page - Analog Devices AD9577 Datasheet HTML 31Page - Analog Devices AD9577 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 28 of 44
EXAMPLE APPLICATION
XTAL
OSC
REFCLK
MARGIN
REFSEL
CMOS
AD9577
DIVIDE
1 OR 2
VCO
2.15GHz
TO
2.55GHz
LDO
FEEDBACK
DIVIDER
156.25MHz
LVPECL
125MHz
LVPECL
PLL1
VCO
2.15GHz
TO
2.55GHz
LDO
FEEDBACK
DIVIDER
100MHz LVDS
33.33MHz
2 × CMOS
PLL2
SCL
SDA
I2C
CONTROL
SSCG
MAX_BW
SPREAD SPECTRUM,
SDM
25MHz XTAL
25MHz
CMOS
NOTE THAT ANY FREQUENCIES MAY BE PROGRAMMED.
Figure 33. Example Application
Achievable application frequencies include (but are not limited to) those listed in Table 16.
Table 16. Typical Application Frequencies
Applications
Frequency (MHz)
Ethernet
25, 62.5, 100, 125, 250
10G Ethernet
155.52, 156.25, 187.5, 161.1328125, 312.5, 622.08, 625
FB-DIMM
133.333, 166.666, 200
Fibre Channel
53.125, 106.25, 212.5, 318.75, 425
10G Fibre Channel
159.375
Inifiniband
125
SAS, SATA
37.5, 75, 100, 120, 150; the AD9577 also meets the −0.5% downspread requirement
Telecomm
19.44, 38.88, 77.76, 155.52, 311.04, 622.08, 627.32962
PCI Express
100, 125, 250; the AD9577 also meets the −0.5% downspread requirement
PCI, PCI-X
33.33, 66.66, 100, 133.33, 200
Video
13.5, 14.318, 17.7, 18, 27, 72, 74.25, 74.25/1.001, 148.5, 148.5/1.001
Wireless Infrastructure
61.44, 122.88, 368.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com