Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 7Page - Analog Devices AD9577BCPZ Datasheet HTML 8Page - Analog Devices AD9577BCPZ Datasheet HTML 9Page - Analog Devices AD9577BCPZ Datasheet HTML 10Page - Analog Devices AD9577BCPZ Datasheet HTML 11Page - Analog Devices AD9577BCPZ Datasheet HTML 12Page - Analog Devices AD9577BCPZ Datasheet HTML 13Page - Analog Devices AD9577BCPZ Datasheet HTML 14Page - Analog Devices AD9577BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 11 of 44
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
LVPECL PERIOD AND CYCLE-TO-CYCLE JITTER (100.12 MHz OUTPUT)
25 MHz crystal used, fractional-N
operation, Nb = 100, FRAC = 15,
MOD = 125, Vx = 5, Dx = 5
Output Peak-to-Peak Period Jitter
13
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
20
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
3
ps rms
1,000 cycles, average of 25 measurements
LVDS PERIOD AND CYCLE-TO-CYCLE JITTER (100.12 MHz OUTPUT)
25 MHz crystal used, fractional-N
operation, Nb = 100, FRAC = 15,
MOD = 125, Vx = 5, Dx = 5
Output Peak-to-Peak Period Jitter
17
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
2
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
26
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
4
ps rms
1,000 cycles, average of 25 measurements
CMOS PERIOD AND CYCLE-TO-CYCLE JITTER (100.12 MHz OUTPUT)
25 MHz crystal used, 50 Ω load,
fractional-N operation, Nb = 100,
FRAC = 15, MOD = 125, Vx = 5, Dx = 5
Output Peak-to-Peak Period Jitter
25
ps p-p
10,000 cycles, average of 25 measurements
Output RMS Period Jitter
3
ps rms
10,000 cycles, average of 25 measurements
Output Peak-to-Peak, Cycle-to-Cycle Jitter
36
ps p-p
1,000 cycles, average of 25 measurements
Output RMS Cycle-to-Cycle Jitter
6
ps rms
1,000 cycles, average of 25 measurements
1 All period and cycle-to-cycle jitter measurements are made with a Tektronix DPO70604 oscilloscope.
2 x indicates either 2 or 3 for any given test condition.
CMOS REFERENCE CLOCK OUTPUT JITTER
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER INTEGRATION BANDWIDTH
Jitter measurement at 25 MHz is equipment limited
12 kHz to 5 MHz
680
1000
fs rms
25 MHz
200 kHz to 5 MHz
670
950
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com