Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 14Page - Analog Devices AD9577BCPZ Datasheet HTML 15Page - Analog Devices AD9577BCPZ Datasheet HTML 16Page - Analog Devices AD9577BCPZ Datasheet HTML 17Page - Analog Devices AD9577BCPZ Datasheet HTML 18Page - Analog Devices AD9577BCPZ Datasheet HTML 19Page - Analog Devices AD9577BCPZ Datasheet HTML 20Page - Analog Devices AD9577BCPZ Datasheet HTML 21Page - Analog Devices AD9577BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 18 of 44
Pin No.
Mnemonic
Description
30
VSOB1A
Output Port OUT1 Power Supply.
31
SDA
Serial Data Line for I2C.
32
VSOB0A
Output Port OUT0 Power Supply.
33
OUT0N
LVPECL/LVDS/CMOS Clock Output.
34
OUT0P
LVPECL/LVDS/CMOS Clock Output.
37
SCL
Serial Clock for I2C.
38
VSVA
PLL1 VCO Power Supply.
39
TST2A
Test Pin. Connect this pin to the printed circuit board (PCB) ground plane.
40
MAX_BW
Logic 1 widens the loop bandwidth of the fractional-N PLL during spread spectrum. Internal 30 kΩ pull-
down resistor.
EPAD
The exposed paddle on this package is an electrical connection as well as a thermal enhancement. For
the device to function properly, the paddle must be attached to ground (GND). It is recommended that
a minimum of nine vias be used to connect the paddle to the printed circuit board (PCB) ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com