Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9577BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9577BCPZ
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9577BCPZ Datasheet HTML 12Page - Analog Devices AD9577BCPZ Datasheet HTML 13Page - Analog Devices AD9577BCPZ Datasheet HTML 14Page - Analog Devices AD9577BCPZ Datasheet HTML 15Page - Analog Devices AD9577BCPZ Datasheet HTML 16Page - Analog Devices AD9577BCPZ Datasheet HTML 17Page - Analog Devices AD9577BCPZ Datasheet HTML 18Page - Analog Devices AD9577BCPZ Datasheet HTML 19Page - Analog Devices AD9577BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 16 of 44
ABSOLUTE MAXIMUM RATINGS
Table 13.
Parameter
Rating
VS to GND
−0.3 V to +3.6 V
REFCLK to GND
−0.3 V to VS + 0.3 V
LDO to GND
−0.3V to VS + 0.3 V
XT1, XT2 to GND
−0.3 V to VS + 0.3 V
SSCG, MAX_BW, MARGIN, SCL, SDA,
REFSEL to GND
−0.3 V to VS + 0.3 V
REFOUT, OUTxP, OUTxN to GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature
−65°C to+150°C
Lead Temperature (10 sec)
300°C
1 See the Thermal Characteristics section for θJA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Thermal impedance measurements were taken on a 4-layer
board in still air in accordance with EIA/JESD51-7.
Table 14. Thermal Resistance
Package Type
θJA
Unit
40-Lead LFCSP
27.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com